Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTH-871-M55 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTH-871-M55
Description  Property of Lite-On Only
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTH-871-M55 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTH-871-M55 Datasheet HTML 2Page - Lite-On Technology Corporation LTH-871-M55 Datasheet HTML 3Page - Lite-On Technology Corporation LTH-871-M55 Datasheet HTML 4Page - Lite-On Technology Corporation LTH-871-M55 Datasheet HTML 5Page - Lite-On Technology Corporation LTH-871-M55 Datasheet HTML 6Page - Lite-On Technology Corporation LTH-871-M55 Datasheet HTML 7Page - Lite-On Technology Corporation LTH-871-M55 Datasheet HTML 8Page - Lite-On Technology Corporation LTH-871-M55 Datasheet HTML 9Page - Lite-On Technology Corporation LTH-871-M55 Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LITE-ON
TECHNOLOGY CORPORATION
Property of Lite- O n Only
ELECTRICAL OPTICAL CHARACTERISTICS AT TA=25℃
PARAMETER
SYMBOL MIN.
TYP.
MAX. UNIT
TEST CONDITION
INPUT LED
Forward Voltage
VF
1.2
1.6
V
IF = 20mA
Reverse Current
IR
100
μA
VR=5V
OUTPUT PHOTOTRANSISTOR
Collector-Emitter Dark Current
ICEO
100
nA
VCE=10V
COUPLER
Parameter A
IC=0.25mA,IF=20mA
Parameter B
0.4
IC=0.5mA,IF=20mA
Collector-Emitter
Saturation Voltage
Parameter C
VCE(SAT)
V
IC=0.9mA,IF=20mA
Parameter A
0.5
Parameter B
1.0
On State
Collector Current
Parameter C
IC(ON)
1.8
mA
VCE=5V,IF=20mA
Rise Time
tr
3
15
Response Time
Fall Time
tf
4
20
μS
VCE=5V, IC=2mA
RL=100 Ω
Part No. : LTH-860/LTH-870 SERIRS DATA SHEET
Page :
7
of
10
BNS-OD-C131/A4


Similar Part No. - LTH-871-M55

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTH-872-N55H LITEON-LTH-872-N55H Datasheet
520Kb / 5P
   Photointerrupter
LTH-872-N55T1 LITEON-LTH-872-N55T1 Datasheet
412Kb / 6P
   Photointerrupter
LTH-872-T55T1 LITEON-LTH-872-T55T1 Datasheet
189Kb / 5P
   Property of Lite-On Only
More results

Similar Description - LTH-871-M55

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com