Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMOA8200-XX16-1003 Datasheet(PDF) 2 Page - Emcore Corporation

Part # NMOA8200-XX16-1003
Description  CATV Fiber Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

NMOA8200-XX16-1003 Datasheet(HTML) 2 Page - Emcore Corporation

  NMOA8200-XX16-1003 Datasheet HTML 1Page - Emcore Corporation NMOA8200-XX16-1003 Datasheet HTML 2Page - Emcore Corporation NMOA8200-XX16-1003 Datasheet HTML 3Page - Emcore Corporation NMOA8200-XX16-1003 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRELIMINARY DATA SHEET | OCTOBER 9, 2008
2of 4
EMCORE Broadband
2015 West Chestnut Street
Alhambra, California 91803-1542
Tel: 626-293-3400
Fax: 626-293-3428
www.emcore.com
Copyright 2008. EMCORE Corporation
NMOA8200 Series Fiber Amplifier
Electrical Characteristics
PROPERTY
SYMBOL
MIN
TYP
MAX
UNIT
AC Power Supply Voltage
VAC
85
265
VAC
DC Power Supply Voltage
VDC
-36
-48
-72
VDC
Power Consumption
PTOT
80
W
Note 1: 80 W valid at 0 dBm input and 35 dBm output power within specified operating temperature range. Contact Emcore Sales for specific model datasheets.
General Optical Characteristics
PROPERTY
SYMBOL
MIN
TYP
MAX
UNIT
Wavelength Range
VAC
1545
1550
1562
nm
Input Power
PIN
-10
0
12
dBm
Total Output Power Options
Note 1
POUT
30
35
dBm
Output Power Delta to Nominal
Note 2
POUTΔ
-0.5
0.5
dB
Output Port Count Options (SC)
Notes 1, 3
-
1
64
Noise Figure
Note 4
NF
6.0
dB
Optical Isolation
ISO
30
dB
Input Power Alarm
LOS
-12
-11
-10
dBm
Input Monitor Loss
IMON
22
23
24
dB
Output Monitor Loss
OMON
19
20
21
dB
Note 1: Total output power and number of ports varies by model type. Contact Emcore Sales for model specific datasheets
Note 2: Valid for 1-20 ports. 32 ports and 64 ports have larger deltas.
Note 3: Model types are specified by output power per port
Note 4: Test Condition with Input Power = 0 dBm (@ 1550nm)
Note 5: Specifications valid within operating temperature range.
Absolute Maximum Ratings
PROPERTY
SYMBOL
MIN
TYP
MAX
UNIT
Operating Temperature Range
TO
0
50
oC
Storage temperature Range
TS
-40
85
oC
Relative Humidity
H
0
95
%
Optional Features
• Automatic power control and/or automatic
gain control modes.
• Port count, optical power, and connector
style options
• Integrated per channel WDM for FTTx PON
applications
Monitors and Alarms
• Loss of input signal
• Loss of output power
• Pump laser diode bias current
• Pump LD Temperature
• Case Temperature
• Redundant Power Supplies
• Redundant Fans


Similar Part No. - NMOA8200-XX16-1003

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8200WDM-2101-1001 EMCORE-NMOA8200WDM-2101-1001 Datasheet
452Kb / 4P
   CATV Fiber Amplifier
NMOA8200WDM-2101-1002 EMCORE-NMOA8200WDM-2101-1002 Datasheet
452Kb / 4P
   CATV Fiber Amplifier
NMOA8200WDM-2101-1011 EMCORE-NMOA8200WDM-2101-1011 Datasheet
452Kb / 4P
   CATV Fiber Amplifier
NMOA8200WDM-2101-1012 EMCORE-NMOA8200WDM-2101-1012 Datasheet
452Kb / 4P
   CATV Fiber Amplifier
NMOA8200WDM-2101-2001 EMCORE-NMOA8200WDM-2101-2001 Datasheet
452Kb / 4P
   CATV Fiber Amplifier
More results

Similar Description - NMOA8200-XX16-1003

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100GFF-XX01-1001 EMCORE-NMOA8100GFF-XX01-1001_13 Datasheet
428Kb / 4P
   CATV Fiber Amplifier
MEDALLION7200 EMCORE-MEDALLION7200 Datasheet
550Kb / 6P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200_11 Datasheet
497Kb / 4P
   CATV Fiber Amplifier
NMOA8200WDM-XX01-1001 EMCORE-NMOA8200WDM-XX01-1001_13 Datasheet
452Kb / 4P
   CATV Fiber Amplifier
MEDALLION7100 EMCORE-MEDALLION7100 Datasheet
532Kb / 5P
   CATV Fiber Amplifier
MEDALLION7110 EMCORE-MEDALLION7110 Datasheet
545Kb / 6P
   CATV Fiber Amplifier
logo
SJM Prewell. All Rights...
PK857 SJM-PK857 Datasheet
220Kb / 3P
   CATV Amplifier
PW111 SJM-PW111_V01 Datasheet
214Kb / 3P
   CATV Amplifier
PT818 SJM-PT818 Datasheet
462Kb / 5P
   CATV Amplifier
PW470 SJM-PW470 Datasheet
326Kb / 4P
   CATV Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com