Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OTP-1DVIR2AR-C3-XX-IC Datasheet(PDF) 1 Page - Emcore Corporation

Part # OTP-1DVIR2AR-C3-XX-IC
Description  DVI / VGA & Stereo Audio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

OTP-1DVIR2AR-C3-XX-IC Datasheet(HTML) 1 Page - Emcore Corporation

  OTP-1DVIR2AR-C3-XX-IC Datasheet HTML 1Page - Emcore Corporation OTP-1DVIR2AR-C3-XX-IC Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OTP-1DVI2A
Optiva® DVI / VGA & Stereo Audio
Optiva® SERIES Professional Media Transport
Features
Optiva® Daisy-Chain Technology
Multimode or single mode options (up to 80
km over one fiber)
Supports single and dual-link DVI resolutions
up to 2048 x 1536
Supports VGA resolutions up to 1920 x 1200
Supports Component Video (RGB) up to 1080p
H & V Sync Frequency range of 60 to 85 Hz
(vertical)
Uses all-digital processing for crystal clear
picture with zero signal degradation
Real-time video transmission for exceptional
quality and resolution
Standard DVI-I video connector (HD-15
adapter is available for RGB/VGA interface)
Applications
Digital Signage / Remote Kiosks
Video Conferencing / Digital Cinema
High-Resolution Presentations
DVI / VGA Switching & Routing
Professional Home Theater
System Design
Optiva® insert cards support both 19” rack mount and compact table top or wall mount-
able enclosures. The 19” rack mount enclosure (Model: OT-CC-16-100) can support up to
16 insert cards. It also supports dual-redundant, hot-swappable power supplies (Model:
OT-CC-16-100-RPS) utilizing two PS-100 power supplies or two PS-200 power supplies
(Model: OT-CC-16-200-RPS). Also available in the 19” rack mount form factor is a 4-slot
enclosure; which houses 4 insert cards in 1RU of rack space (Model: OT-CC-4-1U). The
compact one slot (Model: OT-DTCR-1) and two slot (Model: OT-DTCR-2) enclosures both
use an external power supply (Model: PS-9012).
The Optiva® OTP-1DVI2A is the perfect solution for transmitting
the full range of VESA dual-link DVI and SMPTE compliant video over
long or short distances with a single wavelength. Other transport
systems do not offer a comparable range of signals and resolutions
over a single wavelength. The single fiber, single wavelength solution
is perfect for any professional audio / visual application such as
remote digital theaters, concerts, video conferencing, digital signage,
and similar applications like electronic billboards and sports arena
screens.
Optiva® was designed to maintain a quality uncompressed signal. The video resolution
input is the same video resolution that is output. The OTP-1DVI2A enables one to input
DVI and output VGA or vice-versa. Switching and multicasting the OTP-1DVI2A over the
OptiLinx® Switching Platform is quick and simple, making the OTP-1DVI2A the perfect
solution for large-screen, high-resolution digital presentations allocating only one fiber
to each display.
Copyright © 2008 Emcore Corporation
858 450 0143
858 450 0155
video-sales@emcore.com
www.emcore.com
VGA
DVI
Resolutions
Max Refresh Rate (Hz)
640 x 480
VGA
85
800 x 600
SVGA
85
1024 x 768
XGA
85
1280 x 720
WXGA
85
1280 x 1024
SXGA
85
1400 x 1050
SXGA+
75
1600 x 1050
UXGA
60 (VGA), 75 (DVI)
1680 x 1050
WSXGA+
60
1920 x 1200
WUXGA
60 (VGA), 75 (DVI)
2048 x 1536
QXGA
60
xRGB
Resolutions
Max Refresh Rate (Hz)
480i / 480p
60
720p
60
1080i / 1080p
60
Some Resolutions utilize
Reduced Blanking Technology


Similar Part No. - OTP-1DVIR2AR-C3-XX-IC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OTP-1DVI2A1D1KM EMCORE-OTP-1DVI2A1D1KM Datasheet
98Kb / 2P
   Media Transport
More results

Similar Description - OTP-1DVIR2AR-C3-XX-IC

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GVE250 IOGEAR-GVE250 Datasheet
146Kb / 2P
   DVI-D CAT5e/6 Extender with Stereo Audio
logo
AAEON Technology
BOXER-6651-A1M-1010 AAEON-BOXER-6651-A1M-1010 Datasheet
216Kb / 2P
   VGA DVI-D output
logo
Tripp Lite. All Rights ...
P116000HDMI TRIPPLITE-P116000HDMI Datasheet
530Kb / 2P
   VGA with Audio to HDMI Converter, Adapter for Stereo Audio and Video
logo
Chrontel, Inc.
CH7053A CHRONTEL-CH7053A Datasheet
181Kb / 8P
   CH7053A HDTV/VGA/ DVI Transmitter
Rev 1.0 08/22/2014
logo
Assmann Electronics Inc...
AK622N-2-R ASSMANN-AK622N-2-R Datasheet
271Kb / 1P
   DVI-DA, VGA HDB15 CABLE
logo
Chrontel, Inc.
CH7033B CHRONTEL-CH7033B Datasheet
218Kb / 9P
   CH7033B HDTV/VGA/ DVI Encoder
Rev. 1.4 06/30/2020
logo
Axiomtek Co., Ltd.
SBC82820 AXIOMTEK-SBC82820 Datasheet
154Kb / 1P
   DVI-I for VGA and DVI-D display output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com