Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIRU3040 Datasheet(PDF) 1 Page - Emcore Corporation

Part # SIRU3040
Description  Small Integrated Receiver Unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

SIRU3040 Datasheet(HTML) 1 Page - Emcore Corporation

  SIRU3040 Datasheet HTML 1Page - Emcore Corporation SIRU3040 Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET – MAY 2008
Applications
Microwave Antenna Signal
Distribution
Broadband Delay-line and
Signal Processing Systems
Frequency Distribution
Systems
Radar System Calibration
Phased Array Antenna
Systems, Interferometric
Antenna Arrays
Features
Integrated high frequency
photodiode and bias
circuitry in a connectorized
package
0.05 MHz to 40 GHz
bandwidth
1310 nm and 1550 nm
operation
High optical input power
capability: 15 mW
Small Integrated Receiver Unit
SIRU3040
0.05 - 40GHz
The Emcore Small Integrated Receiver Unit (SIRU3040) is a high-
performance optical receiver with guaranteed performance over the 50
MHz to 40 GHz frequency band. The SIRU3040 is a fully integrated
unit that contains both the high frequency photodiode and the control
electronics. Only DC input voltages and the optical input signal are
required for operation.
The unit can be used to construct transparent optical links for antenna
remoting, microwave delay lines and other applications where it is
necessary to transport RF and microwave signals over long distances
without signal degradation.
The SIRU3040 is an ideal receiver to use with Emcore’s high-
performance externally modulated fiber optic transmitters.
Specifications
Electrical
Frequency Range
0.05 MHz to 40 GHz
Electrical Power Requirements
+15 V @ 50 mA max
< 5 dB max 0.05 – 1 GHz
RF Response/Gain Variation
(S21 w/ Emcore SITU3040 TX)
< 10 dB max 1- 40 GHz
RF Connector
K (female)
RF Output Impedance
50 Ω
Optical
Wavelength
1300 – 1600 nm
Connectors
Diamond AVIM or FC/APC
Optical Input Power
+ 11.8 dBm (15 mW) Maximum
Responsivity at 1310 nm
> 0.55 A/W
Responsivity at 1550 nm
> 0.50 A/W
Physical
Configuration
Self Contained Housing
Dimensions
0.8” H x 4.6” W x 3.4” D
Operating/Storage Temperature
-40
°C to +70 °C
For more information on this and other products:
Contact Sales at Emcore 626-293-3400, or visit www.emcore.com.


Similar Part No. - SIRU3040

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
SIRU3000 EMCORE-SIRU3000 Datasheet
187Kb / 2P
   Small Integrated Receiver Unit
More results

Similar Description - SIRU3040

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
SIRU2300 EMCORE-SIRU2300 Datasheet
207Kb / 2P
   Small Integrated Receiver Unit
SIRU2300 EMCORE-SIRU2300_11 Datasheet
208Kb / 2P
   Small Integrated Receiver Unit
SIRU1111 EMCORE-SIRU1111 Datasheet
130Kb / 2P
   Small Integrated Receiver Unit
SIRU2300-XZ EMCORE-SIRU2300-XZ Datasheet
240Kb / 3P
   Small Integrated Receiver Unit
SIRU3000 EMCORE-SIRU3000 Datasheet
187Kb / 2P
   Small Integrated Receiver Unit
SITU2400 EMCORE-SITU2400 Datasheet
298Kb / 3P
   Small Integrated Transmitter Unit
SITU2011 EMCORE-SITU2011 Datasheet
284Kb / 3P
   Small Integrated Transmitter Unit
SITU2300 EMCORE-SITU2300 Datasheet
343Kb / 3P
   Small Integrated Transmitter Unit
SITU2400-XZ EMCORE-SITU2400-XZ Datasheet
365Kb / 5P
   Small Integrated Transmitter Unit
logo
AVAGO TECHNOLOGIES LIMI...
ICRX2 AVAGO-ICRX2 Datasheet
103Kb / 1P
   Small Form Factor Integrated Coherent Receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com