Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2651A-045-047-M Datasheet(PDF) 6 Page - Emcore Corporation

Part # 2651A-045-047-M
Description  Broadband Photodiode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2651A-045-047-M Datasheet(HTML) 6 Page - Emcore Corporation

  2651A-045-047-M Datasheet HTML 1Page - Emcore Corporation 2651A-045-047-M Datasheet HTML 2Page - Emcore Corporation 2651A-045-047-M Datasheet HTML 3Page - Emcore Corporation 2651A-045-047-M Datasheet HTML 4Page - Emcore Corporation 2651A-045-047-M Datasheet HTML 5Page - Emcore Corporation 2651A-045-047-M Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
DATASHEET| FEBRUARY 5, 2008
EMCORE CORPORATION
Model 2651A/2651E Broadband Photodiode
Ordering Information – Model Number Options
2651A-045-115-N
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of
the product at any time without notice. EMCORE and the EMCORE logo are trademarks of EMCORE Corporation.
ZZds.2651
Copyright 2007. EMCORE Corporation
EMCORE CORPORATION
2015 West Chestnut Street
Alhambra, California 91803-1542
Tel: 626-293-3400
Fax: 626-293-3428
www.emcore.com
Model version
2651A
2651E
Optical Connector
020 = FC/APC
023 = FC/UPC
045 = SC/APC
040 = SC/UPC
Fiber length
038 = 38 cm
047 = 47 cm
060 = 60 cm
115 = 115 cm
100 = 100 cm
Mounting Bracket
N = No mounting bracket
B = Plastic mounting bracket
M = Metal mounting bracket


Similar Part No. - 2651A-045-047-M

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2651A-045-047-M EMCORE-2651A-045-047-M Datasheet
348Kb / 6P
   Broadband Photodiode
2651A-045-047-M EMCORE-2651A-045-047-M Datasheet
348Kb / 6P
   2651A/2651E Broadband Photodiode
More results

Similar Description - 2651A-045-047-M

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2651A-020-038-N EMCORE-2651A-020-038-N_12 Datasheet
348Kb / 6P
   Broadband Photodiode
2611A EMCORE-2611A Datasheet
874Kb / 4P
   Broadband Photodiode Module
2609B EMCORE-2609B Datasheet
938Kb / 4P
   Broadband Photodiode Module
logo
Agere Systems
2609C AGERE-2609C Datasheet
49Kb / 4P
   2609C Broadband Photodiode Module
2611A AGERE-2611A Datasheet
49Kb / 4P
   2611A Broadband Photodiode Module
2650A AGERE-2650A Datasheet
57Kb / 4P
   2650A/B Broadband Photodiode
logo
Emcore Corporation
2651AE EMCORE-2651AE Datasheet
348Kb / 6P
   2651A/2651E Broadband Photodiode
logo
Agere Systems
2609B AGERE-2609B Datasheet
49Kb / 4P
   2609B Broadband Photodiode Module
logo
Roithner LaserTechnik G...
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
   photodiode
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
   Photodiode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com