Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5016D Datasheet(PDF) 3 Page - Emcore Corporation

Part # 5016D
Description  Fiber-Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

5016D Datasheet(HTML) 3 Page - Emcore Corporation

  5016D Datasheet HTML 1Page - Emcore Corporation 5016D Datasheet HTML 2Page - Emcore Corporation 5016D Datasheet HTML 3Page - Emcore Corporation 5016D Datasheet HTML 4Page - Emcore Corporation 5016D Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 of 5
DATA SHEET| | DECEMBER 27, 2007
5016-Series Fiber-Transceiver
Electrical/Optical Characteristics
Optical
Parameter
Specifications
Unit
Fiber
Single mode (9/125)
µm
Optical Connectors
FC/APC
-
Optical Transmitter Output Power
5016A,B,C only
5016D only
5016A,B,C,D used with 355A delay spool
8 (+9)
2 (+3)
5 (+7)
mW (dBm), min
mW (dBm), max
mW (dBm), max
Optical Receiver Input Power
Low Power System, 5016D
High Power System, 5016A,B,C
2 (+3)
15 (+12)
mW (dBm), max
mW (dBm), max
RF Characteristics
Parameter
5016A
5016B
5016C
5016D
Unit
RF Connectors
SMA
-
Upper Band Edge Frequency
4
10
15
18
GHz
Lower Band Edge Frequency
0.1
0.1
0.1
0.1
GHz
Insertion Loss (0 dB Optical)
28
34
dB
Amplitude Flatness
± 1.5
± 2.0
± 2.5
± 3.0
dB
Input / Output RF Return Loss
9.5
9.5
6
6
dB
Impedance
50
Input 1 dB Compression
+20
dBm
Input Third Order Intercept
0.01 GHz – 2.5 GHz
2.5 GHz – 6.0 GHz
6.0 GHz – 10.0 GHz
10.0 GHz – 18.0 GHz
35
30
-
-
-
-
25
-
-
-
25
-
-
-
25
20
dBm
dBm
dBm
dBm
Noise Figure
0.01 GHz – 10.0 GHz
10.0 GHz – 15.0 GHz
15.0 GHz – 18.0 GHz
46
51
57
46
51
57
46
51
57
46
51
57
dB
dB
dB


Similar Part No. - 5016D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5016 TI1-5016 Datasheet
1Mb / 26P
[Old version datasheet]   INA223EVM User?셲 Guide and Software Tutorial
5016 TI1-5016 Datasheet
713Kb / 27P
[Old version datasheet]   INA230EVM Evaluation Board and Software Tutorial
logo
Aavid, Thermal Division...
501603B00000 AAVID-501603B00000 Datasheet
84Kb / 2P
   For use with TO-3 packages
501603B00000G AAVID-501603B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
501603B00000G AAVID-501603B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
More results

Similar Description - 5016D

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Optoway Technology Inc
SPB-9905MG_2015 OPTOWAY-SPB-9905MG_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9920MG_2015 OPTOWAY-SPB-9920MG_2015 Datasheet
177Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9940MG_2015 OPTOWAY-SPB-9940MG_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9780M-1510G_2015 OPTOWAY-SPB-9780M-1510G_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9805MG OPTOWAY-SPB-9805MG_15 Datasheet
177Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-97120M-1590G OPTOWAY-SPB-97120M-1590G_15 Datasheet
174Kb / 5P
   Multirate Single-Fiber SFP Transceiver
SPB-9820MG OPTOWAY-SPB-9820MG_15 Datasheet
177Kb / 6P
   Multirate Single-Fiber SFP Transceiver
logo
Source Photonics, Inc.
SFA-34-24T-HP-TDFI SOURCE-SFA-34-24T-HP-TDFI Datasheet
297Kb / 12P
   Single Fiber, Integrated Diplexer Transceiver
SFU-34-24T-HP-TDFI SOURCE-SFU-34-24T-HP-TDFI Datasheet
296Kb / 12P
   Single Fiber, Integrated Diplexer Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com