Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5016B Datasheet(PDF) 2 Page - Emcore Corporation

Part # 5016B
Description  Fiber-Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

5016B Datasheet(HTML) 2 Page - Emcore Corporation

  5016B Datasheet HTML 1Page - Emcore Corporation 5016B Datasheet HTML 2Page - Emcore Corporation 5016B Datasheet HTML 3Page - Emcore Corporation 5016B Datasheet HTML 4Page - Emcore Corporation 5016B Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DATA SHEET| | DECEMBER 27, 2007
For more information on this and other products:
Contact Sales at Emcore 626-293-3400, or visit www.emcore.com.
5016-Series Fiber-Transceiver
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in
excess of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect device reliability.
Parameter
Symbol
Condition
Min
Max
Units
Operating Temperature Range of Baseplate:
TOP
continuous
-40
+65
°C
Storage Temperature
TSTG
-
-55
+85
°C
RF Input Power
PIN
60 seconds
-
20
dBm
ESD, module
-
HBM: R = 1500 Ohm, C = 100 pF
-500
500
V
dc Interface Characteristics
Pin Number
Min
Typ
Max
Max Ripple
Current
1
14V
15V
16V
100 mV p-p
0.3 A max
2
4.5V
5V
5.5V
200 mV p-p
1.6 A max
Pin/Package Information
Nine-Pin D-sub Connector
Pin
Description
1
+15 Vdc
2
+5 Vdc
3
NC
4
Power Ground
5
Reference Ground
6
Laser Photodiode Current Monitor
7
Received Optical Power
8
Laser Current Monitor
9
Laser Over-temperature Alarm1
1: Open collector outputs
Ordering Information
Option
Connector/Pigtail
-020
FC/APC Bulkhead Optical Connector
-022
FC/APC Optical Connector/ 3mm Fiber Pigtail
Front Panel LEDs
Power on
dc Monitor Voltages
Laser Photodiode current, pin6
o
1V/100mA
±2% accuracy (into 1 MΩ load).
Proportional to laser optical power
Photodiode current, pin7
o
1V/mA
±2% accuracy (into 1 MΩ load).
Proportional to photodiode input power
Laser dc current, pin 8:
o
1V/100mA
±2% accuracy (into 1 MΩ load). Alarm
Circuits
Alarm Circuits
The alarms are open-collector outputs capable of
sinking 20 mA to ground when active and
withstanding 15V when off.
Laser temperature, pin 9
o
Sinks current when laser internal temperature
exceeds + 2
°C of set-point (nominally 25°C).


Similar Part No. - 5016B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5016 TI1-5016 Datasheet
1Mb / 26P
[Old version datasheet]   INA223EVM User?셲 Guide and Software Tutorial
5016 TI1-5016 Datasheet
713Kb / 27P
[Old version datasheet]   INA230EVM Evaluation Board and Software Tutorial
logo
Aavid, Thermal Division...
501603B00000 AAVID-501603B00000 Datasheet
84Kb / 2P
   For use with TO-3 packages
501603B00000G AAVID-501603B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
501603B00000G AAVID-501603B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
More results

Similar Description - 5016B

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Optoway Technology Inc
SPB-9905MG_2015 OPTOWAY-SPB-9905MG_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9920MG_2015 OPTOWAY-SPB-9920MG_2015 Datasheet
177Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9940MG_2015 OPTOWAY-SPB-9940MG_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9780M-1510G_2015 OPTOWAY-SPB-9780M-1510G_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9805MG OPTOWAY-SPB-9805MG_15 Datasheet
177Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-97120M-1590G OPTOWAY-SPB-97120M-1590G_15 Datasheet
174Kb / 5P
   Multirate Single-Fiber SFP Transceiver
SPB-9820MG OPTOWAY-SPB-9820MG_15 Datasheet
177Kb / 6P
   Multirate Single-Fiber SFP Transceiver
logo
Source Photonics, Inc.
SFA-34-24T-HP-TDFI SOURCE-SFA-34-24T-HP-TDFI Datasheet
297Kb / 12P
   Single Fiber, Integrated Diplexer Transceiver
SFU-34-24T-HP-TDFI SOURCE-SFU-34-24T-HP-TDFI Datasheet
296Kb / 12P
   Single Fiber, Integrated Diplexer Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com