Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1933F-B-A-FA-03-N Datasheet(PDF) 7 Page - Emcore Corporation

Part # 1933F-B-A-FA-03-N
Description  1310 nm CATV Coaxial DFB Laser Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1933F-B-A-FA-03-N Datasheet(HTML) 7 Page - Emcore Corporation

  1933F-B-A-FA-03-N Datasheet HTML 1Page - Emcore Corporation 1933F-B-A-FA-03-N Datasheet HTML 2Page - Emcore Corporation 1933F-B-A-FA-03-N Datasheet HTML 3Page - Emcore Corporation 1933F-B-A-FA-03-N Datasheet HTML 4Page - Emcore Corporation 1933F-B-A-FA-03-N Datasheet HTML 5Page - Emcore Corporation 1933F-B-A-FA-03-N Datasheet HTML 6Page - Emcore Corporation 1933F-B-A-FA-03-N Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
EMCORE CORPORATION
DATASHEET| FEBRUARY 20, 2008
Model 1933F 1310 nm CATV Coaxial DFB
Laser Diode
Ordering Code Definitions
1933F-w-x-yy-zz-v
Example
1933F-B-A-SA-10-N: Forward Path Uncooled Coaxial Laser, High Linearity, Pinout A, SC/APC optical connector, 10dBm
optical power, No Mounting Bracket.
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of
the product at any time without notice. EMCORE and the EMCORE logo are trademarks of EMCORE Corporation.
ds.1933
 Copyright 2007. EMCORE Corporation
EMCORE CORPORATION
2015 West Chestnut Street
Alhambra, California 91803-1542
Tel: 626-293-3400
Fax: 626-293-3428
www.emcore.com
Family Name
1933F: Forward Path, Uncooled, Coaxial Laser
Pinout
x = A: Pinout A
Distortion Performance
w = A: Standard Linearity
w = B: Enhanced Linearity
Fiber Length, Optical Connector
yy = FA: FC/APC, 900 micron buffer, 1.0 – 1.4 meter
yy = SA: SC/APC, 900 micron buffer, 1.0 – 1.4 meter
Optical Output Power
zz = 03: 3 dBm (2 mW)
zz = 06: 6 dBm (4 mW)
zz = 09: 9 dBm (8 mW)
zz = 10: 10 dBm (10 mW)
Mounting Bracket
v = B: Mounting Bracket
v = N: No Mounting Bracket


Similar Part No. - 1933F-B-A-FA-03-N

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1933F-B-DI-A-FA-03-B EMCORE-1933F-B-DI-A-FA-03-B Datasheet
480Kb / 6P
   Coaxial DFB Laser Diode
1933F-B-DI-A-FA-03-B EMCORE-1933F-B-DI-A-FA-03-B Datasheet
485Kb / 6P
   1933 F/R/W Coaxial DFB Laser Diode
1933F-B-DI-A-FA-03-N EMCORE-1933F-B-DI-A-FA-03-N Datasheet
480Kb / 6P
   Coaxial DFB Laser Diode
1933F-B-DI-A-FA-03-N EMCORE-1933F-B-DI-A-FA-03-N Datasheet
485Kb / 6P
   1933 F/R/W Coaxial DFB Laser Diode
1933F-B-DI-A-FA-05-B EMCORE-1933F-B-DI-A-FA-05-B Datasheet
480Kb / 6P
   Coaxial DFB Laser Diode
More results

Similar Description - 1933F-B-A-FA-03-N

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100_07 Datasheet
119Kb / 3P
   1310 nm DFB LASER DIODES
logo
NEC
NDL7660P NEC-NDL7660P Datasheet
69Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7670P NEC-NDL7670P Datasheet
69Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7672P NEC-NDL7672P Datasheet
50Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7673P NEC-NDL7673P Datasheet
55Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
California Eastern Labs
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com