Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1792-SMF-46-15-50-FA Datasheet(PDF) 2 Page - Emcore Corporation

Part # 1792-SMF-46-15-50-FA
Description  Narrow Linewidth CW External Cavity Laser Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1792-SMF-46-15-50-FA Datasheet(HTML) 2 Page - Emcore Corporation

  1792-SMF-46-15-50-FA Datasheet HTML 1Page - Emcore Corporation 1792-SMF-46-15-50-FA Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1792 ECCW
Narrow Linewidth CW External Cavity Laser Diode
Copyright® 2008 Emcore Corporation
626 293 3400
626 293 3428
analog-sales@emcore.com
www.emcore.com
Copyright© 2009 Emcore Corporation
626 293 3400
626 293 3428
analog-sales@emcore.com
www.emcore.com
Electrical / Optical Characteristics
Parameter
Symbol
Condition
Min
Type
Max
Units
Minimum Optical Output Power
P
O
15mW Option
10mW Option
15
10
20
12
-
-
mW
Optical Linewidth 1,2,3,4
-
Available for all other models
-
25
50
KHz
Threshold Current
I
TH
--
-
30
mA
Laser Bias Current
T
OP
-
-
-
250
mA
Forward Voltage
V
F
CW, P
O = 10 mW
-
-
2.0
V
MPD Current
I
MON
CW, P
O = 10 mW
0.05
-
0.5
mA
MPD Tracking Error
TE
-10ºC < T
C < 65ºC
-
-
± 0.5
dB
TEC Set Temperature 5
T
S
Specified for every laser
16
-
35
˚C
Center Wavelength (100 GHz ITU Grid)
λ
C
See ITU Grid Channel Numbering Table
nm
Wavelength Drift with Case (-10 to 65 ºC)
Temperature
Δ λT
C
Relative to 25ºC Case
Temperature
-
-
±40
pm
Wavelength Offset from DWDM ITU Grid
Δ λ
OFFSET
TEC Temperature at T
S
-
-
±80
pm
Frequency Temperature Coefficient
Δf/ΔT
-
-
3.5
5
GHz/ ˚C
Frequency Current Coefficient
Δf/ΔI
-
-
200
250
MHz/mA
Optical Isolation
-
-10ºC < TC < 65ºC
35
-
-
dB
Relative Intensity Noise
RIN
CW, at 200 MHz
-
-155
-
dB/Hz
Side Mode Suppression Ratio
SMSR
CW, PO > 1 mW
40
-
-
dB
Optical Return Loss
ORL
-
40
-
-
dB
TEC Current
I
TEC
T
C = 65ºC, TOP = TS
-
-
+1.5
A
TEC Voltage
V
TEC
T
C = 65ºC, TOP = TS
-
-
+3.0
V
TEC Capacity
ΔTT
C = 65ºC
50
-
-
˚C
Thermistor Resistance
R
TH
T
OP = TS
9.5
10.0
10.5
K Ώ
Thermistor Beta Constant
B
-
-
3891
-
K
1. CW, at rated power., 2. Lorentzian linewidth measured at –30 dB., 3. Gaussian linewidth measured at –20 dB., 4. Linewidth measured with self-delayed heterodyne method at T
S , IOP., 5. TEC temperature at the recommended value.
BROADBAND
ITU Grid Channel Numbering
Channel
Wavelength (nm)
Channel
Wavelength (nm)
60
1529.55
39
1546.12
59
1530.33
38
1546.92
58
1531.12
37
1547.72
57
1531.90
36
1548.51
56
1532.68
35
1549.32
55
1533.47
34
1550.12
54
1534.25
33
1550.92
53
1535.04
32
1551.72
52
1535.82
31
1552.52
51
1536.61
30
1553.33
50
1537.40
29
1554.13
49
1538.19
28
1554.94
48
1538.98
27
1555.75
47
1539.77
26
1556.56
46
1540.56
25
1557.36
45
1541.35
24
1558.17
44
1542.14
23
1558.98
43
1542.94
22
1559.79
42
1543.73
21
1560.61
41
1544.53
20
1561.42
40
1545.32
Example: 1792-SMF-043-10-50-FA: ECCW, SMF fiber pigtail, ITU channel 43, 1542.94 nm, 10 mW minimum output power, 50kHz linewidth, FC/APC optical connector
Ordering Information
1792 - SMF - WWW - 10 - 50 - ZZ
1792 - PMF - WWW - 10 - 50 - ZZ
1792 - SMF - WWW - 15 - 50 - ZZ
1792 - PMF - WWW - 15 - 50 - ZZ
Family Name
Fiber Pigtail
SMF: Single Mode Fiber
PMF: Polarization Maintaining Fiber
Wavelength
(Use Numbering from ITU Channel Chart Above)
Minimum Optical Power
10: 10 mW
15: 15 mW
Linewidth
10: 10 kHz
50: 50 kHz
Connector
FA: FC/APC
SA: SC/APC
Analog Lasers & Photodiodes


Similar Part No. - 1792-SMF-46-15-50-FA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1792-2 ETC2-1792-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
1792-2 ETC2-1792-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
1792-2 ETC2-1792-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
More results

Similar Description - 1792-SMF-46-15-50-FA

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDBA116T NICHIA-NDBA116T Datasheet
189Kb / 1P
   Blue Laser Diode for External Cavity
NDVA316T NICHIA-NDVA316T Datasheet
175Kb / 3P
   Violet Laser Diode for External Cavity
NDVA111T-E NICHIA-NDVA111T-E Datasheet
117Kb / 3P
   Violet Laser Diode for External Cavity
NDVA216T-E NICHIA-NDVA216T-E Datasheet
198Kb / 3P
   Violet Laser Diode for External Cavity
NDVA316T-E NICHIA-NDVA316T-E Datasheet
198Kb / 3P
   Violet Laser Diode for External Cavity
NDVA216T NICHIA-NDVA216T Datasheet
175Kb / 3P
   Violet Laser Diode for External Cavity
NDBA116T-E NICHIA-NDBA116T-E Datasheet
253Kb / 3P
   Blue Laser Diode for External Cavity
NDVA111T NICHIA-NDVA111T Datasheet
192Kb / 3P
   Violet Laser Diode for External Cavity
NDUA116T-E NICHIA-NDUA116T-E Datasheet
197Kb / 3P
   Ultra Violet Laser Diode for External Cavity
NDUA116T NICHIA-NDUA116T Datasheet
177Kb / 3P
   Ultra Violet Laser Diode for External Cavity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com