Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1612A-110-FC-25 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 1612A-110-FC-25
Description  1310 nm DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1612A-110-FC-25 Datasheet(HTML) 2 Page - Emcore Corporation

  1612A-110-FC-25 Datasheet HTML 1Page - Emcore Corporation 1612A-110-FC-25 Datasheet HTML 2Page - Emcore Corporation 1612A-110-FC-25 Datasheet HTML 3Page - Emcore Corporation 1612A-110-FC-25 Datasheet HTML 4Page - Emcore Corporation 1612A-110-FC-25 Datasheet HTML 5Page - Emcore Corporation 1612A-110-FC-25 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATASHEET| DECEMBER 29, 2007
EMCORE CORPORATION
1612A/B 1310 nm DFB Laser Module
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings
only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational
sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability.
Parameter
Symbol
Condition
Min
Max
Units
Operating Case Temperature
TC
continuous
-40
+85
°C
Storage Temperature
TSTG
-
-40
+85
°C
Laser Forward dc Current
-
-
-
150
mA
Photodiode Reverse Voltage
VRPD
-
-
10
V
Laser Reverse Voltage, dc
-
-
-
1
V
ESD
-
HBM: R = 1500 Ohm, C = 100 pF
-500
500
V
TEC Current
ITEC
continuous
-1.9
1.9
A
Electrical/Optical Characteristics
Laser Temperature (TL) = 25
°C, I
F=IOP, Beginning of Life (BOL)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Wavelength
-
-
1300
-
1320
nm
Optical Output Power
-
1612-xxxx-04 version
See ordering page for options
1612-xxxx-31 version
4
.
31
-
-
-
-
mW
mW
Optical Isolation
ISO
-
30
-
-
dB
Sidemode Suppression Ratio
SMSR
-
35
-
-
dB
Threshold Current
ITH
-
-
-
20
mA
Operating Current
IOP
varies with power option
-
-
120
mA
Monitor PD Responsivity
rPD
VRM=5V
10
-
200
µA/mW
Thermistor Resistance
RTH
TOP=25
°C
9.5
10
10.5
KOhm
Thermistor Temp. Coefficient
TCTH
TOP=25
°C
-
-4.4
-
%/
°C
TEC Current
ITEC
-40<TC<+85
°C, IF = 100 mA
-1.5
-
1.6
A
Fiber Length
-
May include splice
1.0
1.5
-
m
Fiber Buffer
-
-
-
900
-
µm
Fiber Core / Cladding
-
-
-
9/125
-
µm
RF Characteristics
Laser Temperature (TL) = 25
°C, I
F = IOP, Beginning of Life (BOL)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Frequency Range
F
-
5
-
1002
MHz
Frequency Response
S21
IF = 60 mA, 5 MHz-1002 MHz
-
-
±0.75
dB
Carrier-to-Noise Ratio
CNR
-
51
-
-
dB
Comp. Second Order, A-option
CSO
4, 6, 8 mW options
≥ 10 mW options
55
57
-
-
-
-
dB
dB
Comp. Second Order, B-option
CSO
-
60
-
-
dB
Composite Triple Beat
CTB
varies with power option
65-68
-
-
dB
Relative Intensity Noise
RIN
-
-
<-155
-
dB/Hz
3.2% OMI, 110 ch. NTSC
In order to prevent reflection-induced distortion, the laser must be connected to an optical cable having a return loss of at least 55 dB for discrete
reflections and 30 dB for distributed reflections.


Similar Part No. - 1612A-110-FC-25

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612A-110-FC-25 EMCORE-1612A-110-FC-25 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
More results

Similar Description - 1612A-110-FC-25

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1688 EMCORE-1688 Datasheet
753Kb / 5P
   1688 1310 nm DFB Laser Module
1615A EMCORE-1615A Datasheet
648Kb / 4P
   1615A 1310 nm DFB Laser Module
1612AB1 EMCORE-1612AB1 Datasheet
664Kb / 6P
   1612A/B 1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100_07 Datasheet
119Kb / 3P
   1310 nm DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
   Analog 1310 nm MQW-DFB Laser Diode Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
logo
Emcore Corporation
G1033-020 EMCORE-G1033-020 Datasheet
485Kb / 3P
   1310 nm GPON DFB Laser Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com