Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1792-PMF-44-10-50-FA Datasheet(PDF) 1 Page - Emcore Corporation

Part # 1792-PMF-44-10-50-FA
Description  Narrow Linewidth CW External Cavity Laser Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1792-PMF-44-10-50-FA Datasheet(HTML) 1 Page - Emcore Corporation

  1792-PMF-44-10-50-FA Datasheet HTML 1Page - Emcore Corporation 1792-PMF-44-10-50-FA Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1792 ECCW
Narrow Linewidth CW External Cavity Laser Diode
Features
Seismic sensor applications
Interferometry
Spectroscopy
Lidar
Optical test and instrumentation
Microwave photonics
Applications
Narrow linewidth, < 10 kHz available
ITU wavelengths across the C-band
100 GHz channel spacing
10 mW minimum output power
Industry standard, high reliability, hermetic
14-pin butterfly package
Excellent long-term wavelength stability
eliminates the need for a wavelength locker
Back-facet monitor
Designed to meet Telcordia GR-468
qualification standard
RoHS Compliant
Performance Highlights
The 1792 ECCW series external cavity laser is a cost effective
solution for a coherent laser source. The laser is fabricated in a
14-pin hermetically sealed butterfly package that incorporates
a bias tee circuit, an integrated thermoelectric cooler (TEC), a
thermistor, and a back facet monitor photodiode. The 1792
ECCW provides substantially lower phase noise and a longer
coherence length than other semiconductor lasers, including
DFB lasers. The wavelength stability is assured by design, eliminating the need
for wavelength lockers and complex feedback control circuits.
Copyright© 2009 Emcore Corporation
626 293 3400
626 293 3428
analog-sales@emcore.com
www.emcore.com
Pigtail Type
Optical Power
Linewidth
Minimum (mW)
Typical (mW)
KHz
SMF
15
20
50
PMF
10
12
50
15
20
50
See following pages for complete specifications and conditions.
BROADBAND
Parameter
Symbol
Condition
Min
Max
Units
Storage Temperature
T
STG
Non-operating
-40
85
˚C
Operating Case Temperature
T
OP
continuous
-20
75
˚C
Forward Current
I
OP
CW
-
300
mA
Reverse Voltage
V
R
continuous
-
2
V
Photodiode Forward Current
I
MPD,F
continuous
-
2
mA
Photodiode Reverse Voltage
V
MPD,R
continuous
-
10
V
TEC Current2
I
TEC
-
-
1.8
A
TEC Voltage
V
TEC
continuous
-
3.5
V
Fiber Bend Radius
R
continuous
35
-
mm
Tensile Strength, Fiber to Case
F
continuous
-
5
N
Lead Soldering Time3
t
SOLID
<260 ˚C
-
10
sec
Package Mounting Screw Torque 4
-
-
0.12
m*N
Operating Humidity: Non-Condensing
X
OP
continuous
5
95
%
Storage Humidity: Non-Condensing
X
OP
continuous
5
95
%
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Analog Lasers & Photodiodes


Similar Part No. - 1792-PMF-44-10-50-FA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1792-2 ETC2-1792-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
1792-2 ETC2-1792-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
1792-2 ETC2-1792-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
More results

Similar Description - 1792-PMF-44-10-50-FA

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDBA116T NICHIA-NDBA116T Datasheet
189Kb / 1P
   Blue Laser Diode for External Cavity
NDVA316T NICHIA-NDVA316T Datasheet
175Kb / 3P
   Violet Laser Diode for External Cavity
NDVA111T-E NICHIA-NDVA111T-E Datasheet
117Kb / 3P
   Violet Laser Diode for External Cavity
NDVA216T-E NICHIA-NDVA216T-E Datasheet
198Kb / 3P
   Violet Laser Diode for External Cavity
NDVA316T-E NICHIA-NDVA316T-E Datasheet
198Kb / 3P
   Violet Laser Diode for External Cavity
NDVA216T NICHIA-NDVA216T Datasheet
175Kb / 3P
   Violet Laser Diode for External Cavity
NDBA116T-E NICHIA-NDBA116T-E Datasheet
253Kb / 3P
   Blue Laser Diode for External Cavity
NDVA111T NICHIA-NDVA111T Datasheet
192Kb / 3P
   Violet Laser Diode for External Cavity
NDUA116T-E NICHIA-NDUA116T-E Datasheet
197Kb / 3P
   Ultra Violet Laser Diode for External Cavity
NDUA116T NICHIA-NDUA116T Datasheet
177Kb / 3P
   Ultra Violet Laser Diode for External Cavity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com