Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KYOC5323-5 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # KYOC5323-5
Description  Ultra Bright, and White, Water Clear LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

KYOC5323-5 Datasheet(HTML) 1 Page - IDEA.lnc.

  KYOC5323-5 Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508
J–26
K Series, Ultra Bright, and White, Water Clear LED,
5323 K Series, 4.4 x 5.6mm Elliptical Wide Angle
These K series lamps are made with the brightest AlInGaP chips which can be used for super brightness at low current (2mA) or ultra
brightness at standard current (20mA). This package is popular in sign making applications. The White LEDs are made with GaN chips.
White should only be used when this colors are necessary for the application and higher cost is acceptable.
GENERAL INFORMATION
Operating Temperature Range
-30 °C to +85 °C
Storage Temperature Range
-55 °C to +100 °C
Reflow Soldering Temperature
260 °C for 5 sec max
APPLICATION INFORMATION (ALL RATINGS AT 25 °C AMBIENT)
Part No.
Emitted
Color
Peak
∆λ
Absolute Maximum Ratings
E/O Characteristics
λ
Pd
If (mA)
Ir
Vr
Iv (mcd)
@If=20mA
Vf (V)
@ If=20mA
1/2
(nM)
(nM)
(mW)
dc
1/10 duty
@ 1 khz
@Vr=5V
(µA)
(V)
2mA
Min
Typ
Min
Typ
(Deg)
KRC5323-5
Red
632
20
120
25
200
10
5
-
220
360
2.0
2.4
X=35
Y=80
KRC5323-6
Red
632
20
120
25
200
10
5
-
270
450
2.0
2.4
KEC5323-5
Red
639
20
120
25
200
10
5
-
250
300
2.0
2.4
KEC5323-6
Red
639
20
120
25
200
10
5
-
300
500
2.0
2.4
KYC5323-5
Yellow
591
15
120
25
200
10
5
-
270
440
2.0
2.4
KYC5323-6
Yellow
591
15
120
25
200
10
5
-
340
540
2.0
2.4
KYC5323-7
Yellow
591
15
120
25
200
10
5
-
450
580
2.0
2.4
KOC5323-5
Orange
621
18
120
25
200
10
5
-
290
490
2.0
2.4
KOC5323-6
Orange
621
18
120
25
200
10
5
-
360
600
2.0
2.4
KOC5323-7
Orange
621
18
120
25
200
10
5
-
480
620
2.0
2.4
KYOC5323-5 YelOrng
611
17
120
25
200
10
5
-
280
460
2.0
2.4
KYOC5323-6 YelOrng
611
17
120
25
200
10
5
-
350
570
2.0
2.4
KYOC5323-7 YelOrng
611
17
120
25
200
10
5
-
460
600
2.0
2.4
KSGC5323
BluGrn
518
30
120
25
100
10
5
-
400
630
3.5
4.0
IUWC5323
White
-
-
120
25
100
10
5
-
230
350
3.6
4.0
0.5
typ
26.4 min
1.0 min
2.54
4.4±.2
7.8±.3
Anode
5.6±.2
7.8±.3
Anode
5.8±.3
4.6±.2


Similar Part No. - KYOC5323-5

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
KYOC4251-5 IDEA-KYOC4251-5 Datasheet
24Kb / 1P
   Water Clear LED
KYOC4251-6 IDEA-KYOC4251-6 Datasheet
24Kb / 1P
   Water Clear LED
KYOC4251-7 IDEA-KYOC4251-7 Datasheet
24Kb / 1P
   Water Clear LED
KYOC4381-5 IDEA-KYOC4381-5 Datasheet
24Kb / 1P
   Small View Angle, Water Clear LED
KYOC4381-6 IDEA-KYOC4381-6 Datasheet
24Kb / 1P
   Small View Angle, Water Clear LED
More results

Similar Description - KYOC5323-5

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
JRC4251 IDEA-JRC4251 Datasheet
24Kb / 1P
   Blue & White LEDs, Water Clear LED
logo
P-tec Corporation
PL16D-WCW24Z P-TEC-PL16D-WCW24Z Datasheet
74Kb / 1P
   Ultra Bright White LED
PL16F-WCW15Z P-TEC-PL16F-WCW15Z Datasheet
29Kb / 1P
   Ultra Bright White LED
PL16E-WCW15Z P-TEC-PL16E-WCW15Z Datasheet
30Kb / 1P
   Ultra Bright White LED
logo
IDEA.lnc.
JRC2351 IDEA-JRC2351 Datasheet
24Kb / 1P
   Blue Clear and Diffused, Water Clear LED
logo
Fairchild Semiconductor
MV8834T FAIRCHILD-MV8834T Datasheet
189Kb / 4P
   ULTRA-BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
logo
Ningbo Foryard Optoelec...
FYL-5043LURC1E FORYARD-FYL-5043LURC1E Datasheet
271Kb / 5P
   Water clear led
FYL-5044UWC1E FORYARD-FYL-5044UWC1E_15 Datasheet
279Kb / 5P
   Water clear led
FYL-5483UBC1A FORYARD-FYL-5483UBC1A_15 Datasheet
277Kb / 5P
   Water clear led
FYL-10014UWC1A FORYARD-FYL-10014UWC1A_15 Datasheet
279Kb / 5P
   Water clear led
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com