Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B81123C1222M289 Datasheet(PDF) 3 Page - EPCOS

Part # B81123C1222M289
Description  EMI Suppression Capacitors (MKP)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B81123C1222M289 Datasheet(HTML) 3 Page - EPCOS

  B81123C1222M289 Datasheet HTML 1Page - EPCOS B81123C1222M289 Datasheet HTML 2Page - EPCOS B81123C1222M289 Datasheet HTML 3Page - EPCOS B81123C1222M289 Datasheet HTML 4Page - EPCOS B81123C1222M289 Datasheet HTML 5Page - EPCOS B81123C1222M289 Datasheet HTML 6Page - EPCOS B81123C1222M289 Datasheet HTML 7Page - EPCOS B81123C1222M289 Datasheet HTML 8Page - EPCOS B81123C1222M289 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Overview of available types
Lead spacing 15 mm
22.5 mm
CR (
µF)
0.0010
0.0015
0.0022
0.0033
0.0047
0.0056
0.0068
0.010
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
15
0.0010
5.0
× 10.5 × 18.0 B81123C1102M***
4680
5200
4000
0.0015
6.0
× 11.0 × 18.0 B81123C1152M***
3840
4400
4000
0.0022
7.0
× 12.5 × 18.0 B81123C1222M***
3320
3600
4000
0.0033
8.5
× 14.5 × 18.0 B81123C1332M***
2720
2800
2000
0.0047
9.0
× 17.5 × 18.0 B81123C1472M***
2560
2800
2000
22.5
0.0056
7.0
× 16.0 × 26.5 B81123C1562M***
2320
2400
2520
0.0068
8.5
× 16.5 × 26.5 B81123C1682M***
1920
2000
2040
0.010
10.5
× 18.5 × 26.5 B81123C1103M***
1560
1600
2160
B81123
Y1 / 250 V AC
Page 3 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B81123C1222M289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81123C1222M289 EPCOS-B81123C1222M289 Datasheet
188Kb / 6P
   EMI suppression capacitors (MKP) Y1 / 250 VAC
B81123C1222M289 EPCOS-B81123C1222M289 Datasheet
286Kb / 16P
   Film Capacitors
More results

Similar Description - B81123C1222M289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32924C3105M EPCOS-B32924C3105M Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
B32023A3683M EPCOS-B32023A3683M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921 TDK-B32921_16 Datasheet
648Kb / 24P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
B32021A3472M EPCOS-B32021A3472M Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32922C3334K189 EPCOS-B32922C3334K189 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B32921CD EPCOS-B32921CD Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81123 TDK-B81123_16 Datasheet
333Kb / 19P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222K EPCOS-B32021A3222K Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32926E3335M EPCOS-B32926E3335M Datasheet
317Kb / 18P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com