Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B65659F0004X023 Datasheet(PDF) 9 Page - EPCOS

Part # B65659F0004X023
Description  Ferrites and accessories
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65659F0004X023 Datasheet(HTML) 9 Page - EPCOS

Back Button B65659F0004X023 Datasheet HTML 5Page - EPCOS B65659F0004X023 Datasheet HTML 6Page - EPCOS B65659F0004X023 Datasheet HTML 7Page - EPCOS B65659F0004X023 Datasheet HTML 8Page - EPCOS B65659F0004X023 Datasheet HTML 9Page - EPCOS B65659F0004X023 Datasheet HTML 10Page - EPCOS B65659F0004X023 Datasheet HTML 11Page - EPCOS B65659F0004X023 Datasheet HTML 12Page - EPCOS B65659F0004X023 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
SMD coil former with gullwing terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155
°C), color code black
Vectra C 130 [E83005 (M)], TICONA
Solderability: to IEC 60068-2-58, test Td, method 6 (Group 3): 245
°C, 3 s
Resistance to soldering heat: to IEC 60068-2-58, test Td, method 6 (Group 3): 255
°C, 10 s
permissible soldering temperature for wire-wrap connection on coil former: 400
°C,1 s
Winding:
see Data Book 2007, chapter “Processing notes, 2.1”
Clamp
Without ground terminal, made of stainless spring steel, 0.435 mm thick
Also available as strip clamp on request
Coil former
Clamp
Sections
AN
mm2
lN
mm
AR value
µΩ
Terminals
Ordering code
1
16.2
31
66
8
B65821C1008T001
Clamp(ordering code per piece, 2 are required)
B65808J2204X000
FRM0311-U-E
0.1
2.5
ø6.5+0.15
4
3
22.8
0.3
22 _
5
6
1
2
0.2
11.1+0.2
16.7 _
8
7
0.2
_
ø12.3
ø7.45 _
PCB layout
Recommended
B65821, B65808
Accessories
RM 6


Similar Part No. - B65659F0004X023

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65659F0004X023 EPCOS-B65659F0004X023 Datasheet
93Kb / 7P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65659F0004X023 EPCOS-B65659F0004X023 Datasheet
567Kb / 17P
   Ferrites and accessories
logo
TDK Electronics
B65659F0004X023 TDK-B65659F0004X023 Datasheet
342Kb / 16P
   Ferrites and accessories
More results

Similar Description - B65659F0004X023

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com