Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYG2090-C10-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LYG2090-C10-PF
Description  DUAL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LYG2090-C10-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LYG2090-C10-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LYG2090-C10-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LYG2090-C10-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LYG2090-C10-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LYG2090-C10-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LYG2090-C10-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LYG2090-C10-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1.0
500
0.0
0.5
Wavelength (nm)
650
550
600
-40
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
0.8
1.0
0.9
1.1
1.2
0.5
-40
60
Ambient Temperature(
)
40
20
0
-20
100
80
0.0
Ambient Temperature(
)
0
20
40
-20
60
100
80
Fig.4 Relative Intensity vs. Temperature
2.5
1.5
1.0
2.0
3.0
1.0
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
100
0.1
10
1.0
1000
G CHIP
1.0
0.5
4.0
Forward Voltage(V)
2.0
3.0
5.0
0.0
1.5
1.0
2.0
100
Forward Current(mA)
10
1000
Fig.2 Relative Intensity vs. Forward Current
2.5
3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
3.5
Page 4/6
PART NO. LYG2090/C10-PF


Similar Part No. - LYG2090-C10-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LYG2092 LIGITEK-LYG2092 Datasheet
109Kb / 6P
   DUAL COLOR LED LAMPS
LYG2093-S84 LIGITEK-LYG2093-S84 Datasheet
114Kb / 6P
   DUAL COLOR LED LAMPS
LYG2093-S84-PF LIGITEK-LYG2093-S84-PF Datasheet
138Kb / 7P
   DUAL COLOR LED LAMPS
LYG2093/S84 LIGITEK-LYG2093/S84 Datasheet
114Kb / 6P
   DUAL COLOR LED LAMPS
LYG2093/S84-PF LIGITEK-LYG2093/S84-PF Datasheet
138Kb / 7P
   DUAL COLOR LED LAMPS
More results

Similar Description - LYG2090-C10-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG23092-P1 LIGITEK-LHRF9UG23092-P1 Datasheet
88Kb / 6P
   DUAL COLOR LED LAMPS
LHRF9UG42292-R1-PF LIGITEK-LHRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG42293-S14-PF LIGITEK-LHRF9UG42293-S14-PF Datasheet
113Kb / 7P
   DUAL COLOR LED LAMPS
LHY9UG34063-R1-PF LIGITEK-LHY9UG34063-R1-PF Datasheet
129Kb / 7P
   DUAL COLOR LED LAMPS
LSBKS9UG2093 LIGITEK-LSBKS9UG2093 Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRF9UG42292-R1-PF LIGITEK-LSRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBK2093-R1-PF LIGITEK-LSRFSBK2093-R1-PF Datasheet
161Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBKS3393-R1 LIGITEK-LSRFSBKS3393-R1 Datasheet
122Kb / 7P
   DUAL COLOR LED LAMPS
LSRFVG2092-R1 LIGITEK-LSRFVG2092-R1 Datasheet
110Kb / 6P
   DUAL COLOR LED LAMPS
LSRFVY3392-R1-PF LIGITEK-LSRFVY3392-R1-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com