Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B65539C1003X001 Datasheet(PDF) 2 Page - EPCOS

Part # B65539C1003X001
Description  Ferrites and accessories
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65539C1003X001 Datasheet(HTML) 2 Page - EPCOS

  B65539C1003X001 Datasheet HTML 1Page - EPCOS B65539C1003X001 Datasheet HTML 2Page - EPCOS B65539C1003X001 Datasheet HTML 3Page - EPCOS B65539C1003X001 Datasheet HTML 4Page - EPCOS B65539C1003X001 Datasheet HTML 5Page - EPCOS B65539C1003X001 Datasheet HTML 6Page - EPCOS B65539C1003X001 Datasheet HTML 7Page - EPCOS B65539C1003X001 Datasheet HTML 8Page - EPCOS B65539C1003X001 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 62317-4
Core without center hole
for transformer applications
Delivery mode: sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
with
center hole
without
center hole
Σl/A
le
Ae
Amin
Ve
1.9
21
11
231
1.7
22
13
11.3
286
mm–1
mm
mm2
mm2
mm3
m1.45
1.65
g
Material
AL value
nH
s
approx.
mm
µ
e
Ordering code1)
-A with center hole
-N with threaded sleeve
K1
16
±3%
1.0
24.2
B65803+0016A001
25
±3%
0.40
37.8
B65803+0025A001
M33
40
±3%
0.36
60.4
B65803+0040A033
63
±3%
0.18
96
B65803+0063A033
N48
63
±3%
0.16
96
B65803+0063A048
100
±3%
0.10
152
B65803+0100A048
160
±3%
0.06
243
B65803+0160A048
1) Replace the + by the code letter “A” or “N” for the required version.
B65803
Core
RM 4


Similar Part No. - B65539C1003X001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65539C1003X001 EPCOS-B65539C1003X001 Datasheet
216Kb / 9P
   Core without center hole for transformer applications
B65539C1003X001 EPCOS-B65539C1003X001 Datasheet
427Kb / 11P
   Ferrites and accessories
B65539C1003X001 EPCOS-B65539C1003X001 Datasheet
100Kb / 7P
   Ferrites and accessories
B65539C1003X001 EPCOS-B65539C1003X001 Datasheet
415Kb / 11P
   Ferrites and accessories
B65539C1003X001 EPCOS-B65539C1003X001 Datasheet
353Kb / 11P
   Ferrites and accessories
More results

Similar Description - B65539C1003X001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com