Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59825T1120A062 Datasheet(PDF) 2 Page - EPCOS

Part # B59825T1120A062
Description  PTC thermistors for overcurrent protection in telecom applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59825T1120A062 Datasheet(HTML) 2 Page - EPCOS

  B59825T1120A062 Datasheet HTML 1Page - EPCOS B59825T1120A062 Datasheet HTML 2Page - EPCOS B59825T1120A062 Datasheet HTML 3Page - EPCOS B59825T1120A062 Datasheet HTML 4Page - EPCOS B59825T1120A062 Datasheet HTML 5Page - EPCOS B59825T1120A062 Datasheet HTML 6Page - EPCOS B59825T1120A062 Datasheet HTML 7Page - EPCOS B59825T1120A062 Datasheet HTML 8Page - EPCOS B59825T1120A062 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Applications
Overcurrent protection for telecom applications
Suitable for line card applications e.g. POTS, access
networks, customer premises equipment (CPE) or integrated
voice data (IVD)
Features
Two resistance-matched PTCs in a plastic housing
Compliant with ITU-T standards
basic-level lightning surges (10/700 µs)
basic-level power induction (600 V, 1 A, 0.2 s)
power contact criteria A/B (230 V, 15 min.)
Compliant with GR1089 AC power contact 120 V, 25 A, 15
min.
Suitable for continuous connection to mains voltages of
110/230 V AC in tripped (high-ohmic) condition
Housing material to UL94-V0
UL approval to UL 1434 (file number E69802) for RR
≥35 Ω
Tight resistance matching maintained after switching
Negligible resistance drift after reflow soldering or switching
Marked with manufacturer's logo, type designation and date
code
RoHS-compatible
Internal circuit
Options
Alternative tolerances and resistances on request
Delivery mode
T15** and T16**: Blister tape, 330-mm reel with 16-mm tape, taping to IEC 60286-3
T17** and T18**: Blister tape, 380-mm reel with 24-mm tape, taping to IEC 60286-3
General technical data
Max. operating voltage
Vmax
245
V AC
Operating temperature range
(V = 0)
Top
20/+125
°C
Operating temperature range
(V = 230 V)
Top
0/+70
°C
Insulating test voltage between PTC1 and PTC2
Vins
> 3
kV
Resistance matching in one housing
for RR
≤ 4.75 Ω
R2
R1
< 0.5
Resistance matching in one housing
for RR
≤ 50 Ω
R2
R1
< 1.0
Resistance matching in one housing
for RR = 75
R2
R1
< 2.0
Overcurrent protection for telecom
Telecom pair protector (TPP), SMD
Page 2 of 13
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59825T1120A062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59805C1080A151 EPCOS-B59805C1080A151 Datasheet
224Kb / 12P
   PTC thermistors for overcurrent protection in telecom applications
B59807 EPCOS-B59807 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59807A0090A062 EPCOS-B59807A0090A062 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59807A0090A062 EPCOS-B59807A0090A062 Datasheet
388Kb / 13P
   PTC thermistors for overcurrent protection
B59807A0090A062 EPCOS-B59807A0090A062 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
More results

Similar Description - B59825T1120A062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59450T1120A062 EPCOS-B59450T1120A062 Datasheet
226Kb / 9P
   PTC thermistors for overcurrent protection in telecom applications
B59081G1120A161 EPCOS-B59081G1120A161 Datasheet
231Kb / 11P
   PTC thermistors for overcurrent protection in telecom applications
B59093A0080B110 EPCOS-B59093A0080B110 Datasheet
190Kb / 8P
   PTC thermistors for overcurrent protection in telecom applications
B59805C1080A151 EPCOS-B59805C1080A151 Datasheet
224Kb / 12P
   PTC thermistors for overcurrent protection in telecom applications
B59970T1100A062 EPCOS-B59970T1100A062 Datasheet
210Kb / 9P
   PTC thermistors for overcurrent protection in telecom applications
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com