Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59810T1120A062 Datasheet(PDF) 8 Page - EPCOS

Part # B59810T1120A062
Description  PTC thermistors for overcurrent protection in telecom applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59810T1120A062 Datasheet(HTML) 8 Page - EPCOS

Back Button B59810T1120A062 Datasheet HTML 4Page - EPCOS B59810T1120A062 Datasheet HTML 5Page - EPCOS B59810T1120A062 Datasheet HTML 6Page - EPCOS B59810T1120A062 Datasheet HTML 7Page - EPCOS B59810T1120A062 Datasheet HTML 8Page - EPCOS B59810T1120A062 Datasheet HTML 9Page - EPCOS B59810T1120A062 Datasheet HTML 10Page - EPCOS B59810T1120A062 Datasheet HTML 11Page - EPCOS B59810T1120A062 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ITU performance overview and test conditions
Test
no.
ITU K20
ITU K21
ITU K45
Basic
test level
Enhanced
test level
Basic
test level
Enhanced
test level
Basic
test level
Enhanced
test level
Power induction
1
A
A
A
A
A
A
2
B
C
B
C
B
C
Power contact
3
D
E
D
E
D
E
Lightning surge
4
F
G
G
G
G
G
5
H
H
H
I
H
H
Power induction
A
600 V AC, R = 600
Ω, t = 0.2 s, criteria A
B
600 V AC, R = 600
Ω, t = 1.0 s, with GDT, criteria A
C
1500 V AC, R = 200
Ω, t = 2.0 s, with GDT, criteria A
Power contact
D
230 V AC, t = 15 min, R = 10 ... 1000
Ω, criteria B
E
230 V AC, t = 15 min, R = 10, 20, 40, 80, 1000
Ω, criteria B,
R = 160, 300, 600
Ω, criteria A
Lightning surge
F
Uc(max) = 1.0 kV, R = 25
Ω, t = 10/700 µs, without GDT, criteria A
G
Uc(max) = 1.5 kV, R = 25
Ω, t = 10/700 µs, without GDT, criteria A
H
Uc(max) = 4.0 kV, R = 25
Ω, t = 10/700 µs, with GDT, criteria A
I
Uc(max) = 6.0 kV, R = 25
Ω, t = 10/700 µs, with GDT, criteria A
Criteria A: no damage, function must be fulfilled.
Criteria B: no fire hazard.
Electrical requirements according to GR1089 standard for AC power contact
AC voltage: 120 V, 50 Hz, short circuit current 25 A, time 15 min, criteria A.
Overcurrent protection for telecom
Telecom pair protector (TPP), SMD
Page 8 of 13
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59810T1120A062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59810C0130A070 EPCOS-B59810C0130A070 Datasheet
156Kb / 11P
   Overcurrent Protection
B59810C0130A070 EPCOS-B59810C0130A070 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070 Datasheet
673Kb / 1P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
More results

Similar Description - B59810T1120A062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59450T1120A062 EPCOS-B59450T1120A062 Datasheet
226Kb / 9P
   PTC thermistors for overcurrent protection in telecom applications
B59081G1120A161 EPCOS-B59081G1120A161 Datasheet
231Kb / 11P
   PTC thermistors for overcurrent protection in telecom applications
B59093A0080B110 EPCOS-B59093A0080B110 Datasheet
190Kb / 8P
   PTC thermistors for overcurrent protection in telecom applications
B59805C1080A151 EPCOS-B59805C1080A151 Datasheet
224Kb / 12P
   PTC thermistors for overcurrent protection in telecom applications
B59970T1100A062 EPCOS-B59970T1100A062 Datasheet
210Kb / 9P
   PTC thermistors for overcurrent protection in telecom applications
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com