Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59339A1201P020 Datasheet(PDF) 7 Page - EPCOS

Part # B59339A1201P020
Description  PTC thermistors for switching applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59339A1201P020 Datasheet(HTML) 7 Page - EPCOS

Back Button B59339A1201P020 Datasheet HTML 3Page - EPCOS B59339A1201P020 Datasheet HTML 4Page - EPCOS B59339A1201P020 Datasheet HTML 5Page - EPCOS B59339A1201P020 Datasheet HTML 6Page - EPCOS B59339A1201P020 Datasheet HTML 7Page - EPCOS B59339A1201P020 Datasheet HTML 8Page - EPCOS B59339A1201P020 Datasheet HTML 9Page - EPCOS B59339A1201P020 Datasheet HTML 10Page - EPCOS B59339A1201P020 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Characteristics (typical)
PTC resistance RPTC versus
PTC temperature TPTC
(measured at low signal voltage)
PTC current IPTC versus PTC voltage VPTC
(measured at 25
°C in still air)
Switching time tS versus switching current IS
(measured at 25
°C in still air)
Switching applications
PTC thermistors in plastic case, 110 V and 230 V
Page 7 of 12
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59339A1201P020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59339A1201P020 EPCOS-B59339A1201P020 Datasheet
86Kb / 5P
   PTC Thermistors in Plastic Case, 63 V to 220 V
More results

Similar Description - B59339A1201P020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59119 EPCOS-B59119 Datasheet
227Kb / 9P
   PTC thermistors for switching applications
B59346A1502P020 EPCOS-B59346A1502P020_12 Datasheet
181Kb / 11P
   PTC thermistors for switching applications
B59118 EPCOS-B59118 Datasheet
247Kb / 6P
   PTC thermistors for switching applications
B59118 EPCOS-B59118_09 Datasheet
218Kb / 9P
   PTC thermistors for switching applications
B59450T1120A062 EPCOS-B59450T1120A062 Datasheet
226Kb / 9P
   PTC thermistors for overcurrent protection in telecom applications
B59081G1120A161 EPCOS-B59081G1120A161 Datasheet
231Kb / 11P
   PTC thermistors for overcurrent protection in telecom applications
B59093A0080B110 EPCOS-B59093A0080B110 Datasheet
190Kb / 8P
   PTC thermistors for overcurrent protection in telecom applications
B59805C1080A151 EPCOS-B59805C1080A151 Datasheet
224Kb / 12P
   PTC thermistors for overcurrent protection in telecom applications
B59535T1120A262 EPCOS-B59535T1120A262 Datasheet
302Kb / 13P
   PTC thermistors for overcurrent protection in telecom applications
B59970T1100A062 EPCOS-B59970T1100A062 Datasheet
210Kb / 9P
   PTC thermistors for overcurrent protection in telecom applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com