Electronic Components Datasheet Search |
|
B32924C3155M788 Datasheet(PDF) 5 Page - EPCOS |
|
B32924C3155M788 Datasheet(HTML) 5 Page - EPCOS |
5 / 17 page Technical data Max. operating temperature Top,max +105 °C Dissipation factor tan δ (in 10-3) at 20 °C (upper limit values) CR ≤ 0.1 µF 0.1 µF < C R ≤ 2.2 µF at 1 kHz 100 kHz 1.0 5.0 1.0 Insulation resistance Rins or time constant τ = C R Rins at 100 V DC, 20 °C, rel. humidity ≤ 65% and for 60 s (minimum as-delivered values) CR ≤ 0.33 µF CR > 0.33 µF 100 000 M Ω 30 000 s DC test voltage 2000 V, 2 s Passive flammability category to IEC 40 (CO) 752 B Capacitance tolerances (measured at 1 kHz) ±10% (K), ±20% (M) Rated AC voltage ( IEC 60384-14 ) 305 V (50/60 Hz) Maximum continuous DC voltage VDC 630 V Operating voltage Vop at high temperature TA ≤ 105 °C Vop = 1.25 VAC (1000 h) Damp heat test Test conditions 1. Temperature: Relative humidity (RH): Test duration: +40 °C ±2 °C 93% ±2% 1000 hours or 2. Temperature: Relative humidity (RH): Test duration: Voltage value: +85 °C ±2 °C 85% ±2% 200 hours 240 V AC, 50 Hz or 3. Temperature: Relative humidity (RH): Test duration: Voltage value: +40 °C ±2 °C 93% ±2% 500 hours 240 V AC, 50 Hz Limit values after damp heat test Capacitance change ( ∆C/C): Dissipation factor change ( ∆tan δ): ≤ 10% ≤ 0.5 10-3 (at 1 kHz) ≤ 1.0 10-3 (at 10 kHz) Insulation resistance Rins or time constant τ = C R Rins: ≥ 50% of minimum as-delivered values B32922*7 ... B32924*7 X2 / 305 V AC Page 5 of 17 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B32924C3155M788 |
|
Similar Description - B32924C3155M788 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |