Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59300M1160A070 Datasheet(PDF) 3 Page - EPCOS

Part # B59300M1160A070
Description  PTC thermistors as limit temperature sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59300M1160A070 Datasheet(HTML) 3 Page - EPCOS

  B59300M1160A070 Datasheet HTML 1Page - EPCOS B59300M1160A070 Datasheet HTML 2Page - EPCOS B59300M1160A070 Datasheet HTML 3Page - EPCOS B59300M1160A070 Datasheet HTML 4Page - EPCOS B59300M1160A070 Datasheet HTML 5Page - EPCOS B59300M1160A070 Datasheet HTML 6Page - EPCOS B59300M1160A070 Datasheet HTML 7Page - EPCOS B59300M1160A070 Datasheet HTML 8Page - EPCOS B59300M1160A070 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Electrical specifications and ordering codes
Tsense
°C
R
(Tsense
∆T)
(VPTC
≤ 2.5 V)
R
(Tsense +
∆T)
(VPTC
≤ 2.5 V)
R
(Tsense + 15 K)
(VPTC
≤ 7.5 V)
R
(Tsense + 23 K)
(VPTC
≤ 2.5 V)
Ordering code
∆T = ±5 K
100
≤ 1650
≥ 3990
≥ 12 k
-
B59300M1100A070
110
≤ 1650
≥ 3990
≥ 12 k
-
B59300M1110A070
120
≤ 1650
≥ 3990
≥ 12 k
-
B59300M1120A070
130
≤ 1650
≥ 3990
≥ 12 k
-
B59300M1130A070
140
≤ 1650
≥ 3990
≥ 12 k
-
B59300M1140A070
150
≤ 1650
≥ 3990
≥ 12 k
-
B59300M1150A070
155
≤ 1650
≥ 3990
≥ 12 k
-
B59300M1155A070
160
≤ 1650
≥ 3990
≥ 12 k
-
B59300M1160A070
∆T = ±7 K
170
≤ 1710
≥ 1710
-
≥ 30 k
B59300M1170A070
180
≤ 1710
≥ 1710
-
≥ 30 k
B59300M1180A070
Color coding of litz wires (to DIN 44081)
Tsense
°C
Color
100
red/red
110
brown/brown
120
grey/grey
130
blue/blue
140
white/blue
150
black/black
155
blue/black
160
blue/red
170
white/green
180
white/red
Sensors
Motor protection, triple sensors
M1300
Page 3 of 11
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59300M1160A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59300M1160A070 EPCOS-B59300M1160A070 Datasheet
85Kb / 5P
   Motor Protection, Triple Sensors
B59300M1160A070 EPCOS-B59300M1160A070 Datasheet
441Kb / 8P
   PTC thermistors
More results

Similar Description - B59300M1160A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
   PTC thermistors as limit temperature sensors
B59401A0105A062 EPCOS-B59401A0105A062 Datasheet
526Kb / 18P
   PTC thermistors as limit temperature sensors
B59721A110A62 EPCOS-B59721A110A62 Datasheet
855Kb / 37P
   PTC thermistors as limit temperature sensors
B59100M1110A70 EPCOS-B59100M1110A70 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
B59421A0075A062_1007 EPCOS-B59421A0075A062_1007 Datasheet
737Kb / 32P
   PTC thermistors as limit temperature sensors
B59008 EPCOS-B59008 Datasheet
253Kb / 9P
   PTC thermistors as limit temperature sensors
B59100 EPCOS-B59100_09 Datasheet
293Kb / 9P
   PTC thermistors as limit temperature sensors
B59100M1120A70 EPCOS-B59100M1120A70 Datasheet
274Kb / 11P
   PTC thermistors as limit temperature sensors
B59901D60A40 EPCOS-B59901D60A40 Datasheet
90Kb / 9P
   PTC thermistors as limit temperature sensors
B59421A0075A062 EPCOS-B59421A0075A062 Datasheet
226Kb / 10P
   PTC thermistors as limit temperature sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com