Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59100C0130A070 Datasheet(PDF) 5 Page - EPCOS

Part # B59100C0130A070
Description  PTC thermistors as limit temperature sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59100C0130A070 Datasheet(HTML) 5 Page - EPCOS

  B59100C0130A070 Datasheet HTML 1Page - EPCOS B59100C0130A070 Datasheet HTML 2Page - EPCOS B59100C0130A070 Datasheet HTML 3Page - EPCOS B59100C0130A070 Datasheet HTML 4Page - EPCOS B59100C0130A070 Datasheet HTML 5Page - EPCOS B59100C0130A070 Datasheet HTML 6Page - EPCOS B59100C0130A070 Datasheet HTML 7Page - EPCOS B59100C0130A070 Datasheet HTML 8Page - EPCOS B59100C0130A070 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Cautions and warnings
General
EPCOS thermistors are designed for specific applications and should not be used for purposes
not identified in our specifications, application notes and data books unless otherwise agreed
with EPCOS during the design-in-phase.
Ensure suitability of thermistor through reliability testing during the design-in phase. The ther-
mistors should be evaluated taking into consideration worst-case conditions.
Storage
Store thermistors only in original packaging. Do not open the package before storage.
Storage conditions in original packaging: storage temperature
25
°C ... +45 °C, relative hu-
midity
≤75% annual mean, maximum 95%, dew precipitation is inadmissible.
Avoid contamination of thermistors surface during storage, handling and processing.
Avoid storage of thermistor in harmful environment with effect on function on long-term opera-
tion (examples given under operation precautions).
Use thermistor within the following period after delivery:
Through-hole devices (housed and leaded PTCs): 24 months
Motor protection sensors, glass-encapsulated sensors and probe assemblies: 24 months
Telecom pair and quattro protectors (TPP, TQP): 24 months
Leadless PTC thermistors for pressure contacting: 12 months
Leadless PTC thermistors for soldering: 6 months
SMDs in EIA sizes 3225 and 4032, and for PTCs with metal tags: 24 months
SMDs in EIA sizes 0402, 0603, 0805 and 1210: 12 months
Handling
PTCs must not be dropped. Chip-offs must not be caused during handling of PTCs.
Components must not be touched with bare hands. Gloves are recommended.
Avoid contamination of thermistor surface during handling.
Soldering (where applicable)
Use rosin-type flux or non-activated flux.
Insufficient preheating may cause ceramic cracks.
Rapid cooling by dipping in solvent is not recommended.
Complete removal of flux is recommended.
Standard PTC heaters are not suitable for soldering.
Sensors
Limit temperature sensors, leaded disks, coated
C100
Page 5 of 9
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59100C0130A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59100C0130A070 EPCOS-B59100C0130A070 Datasheet
81Kb / 5P
   Sensors Limit Temperature Sensors, Leaded Disks, Coated
More results

Similar Description - B59100C0130A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
   PTC thermistors as limit temperature sensors
B59401A0105A062 EPCOS-B59401A0105A062 Datasheet
526Kb / 18P
   PTC thermistors as limit temperature sensors
B59300 EPCOS-B59300 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
B59721A110A62 EPCOS-B59721A110A62 Datasheet
855Kb / 37P
   PTC thermistors as limit temperature sensors
B59100M1110A70 EPCOS-B59100M1110A70 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
B59421A0075A062_1007 EPCOS-B59421A0075A062_1007 Datasheet
737Kb / 32P
   PTC thermistors as limit temperature sensors
B59008 EPCOS-B59008 Datasheet
253Kb / 9P
   PTC thermistors as limit temperature sensors
B59100M1120A70 EPCOS-B59100M1120A70 Datasheet
274Kb / 11P
   PTC thermistors as limit temperature sensors
B59901D60A40 EPCOS-B59901D60A40 Datasheet
90Kb / 9P
   PTC thermistors as limit temperature sensors
B59421A0075A062 EPCOS-B59421A0075A062 Datasheet
226Kb / 10P
   PTC thermistors as limit temperature sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com