Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59012G1120A161 Datasheet(PDF) 3 Page - EPCOS

Part # B59012G1120A161
Description  PTC thermistors for overcurrent protection in telecom applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59012G1120A161 Datasheet(HTML) 3 Page - EPCOS

  B59012G1120A161 Datasheet HTML 1Page - EPCOS B59012G1120A161 Datasheet HTML 2Page - EPCOS B59012G1120A161 Datasheet HTML 3Page - EPCOS B59012G1120A161 Datasheet HTML 4Page - EPCOS B59012G1120A161 Datasheet HTML 5Page - EPCOS B59012G1120A161 Datasheet HTML 6Page - EPCOS B59012G1120A161 Datasheet HTML 7Page - EPCOS B59012G1120A161 Datasheet HTML 8Page - EPCOS B59012G1120A161 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Electrical specifications and ordering codes
Type
RR
∆R
R
%
R25,match
(per packing unit)
R1
R2 max
IR
@
25
°C
mA
IR
@
70
°C
mA
IS
@
25
°C
mA
ISmax
@ 230 V AC
A
Ordering code
Gamma I
G1081
9
±20
0.5
180
120
400
1.0
B59081G1120A161
G1085 10
±20
1.0
180
120
400
1.0
B59085G1120A161
G1083 16
±20
0.5
150
100
300
1.5
B59083G1120A161
G1080 25
±20
1.0
130
85
270
2.8
B59080G1120B262
G1086 29
±20
1.0
125
80
260
2.8
B59086G1120B262
G1084 50
±15
1.0
90
60
190
2.5
B59084G1120A161
Gamma L
G1040 25
±20
1.0
120
80
250
4.0
B59040G1120B161
G1012 35
+15/ 20 1.0
100
65
250
4.6
B59012G1120A161
Switching times and ordering codes
Type
RR
tS (typ.)
@ ISmax,
230 V AC
s
tS (typ.)
@ 1 A,
230 V AC
s
tS (typ.)
@ 500 mA,
230 V AC
s
Ordering code
Gamma I
G1081
9
4.4
4.4
23.0
B59081G1120A161
G1085
10
3.9
3.9
19.0
B59085G1120A161
G1083
16
1.0
2.4
11.0
B59083G1120A161
G1080
25
0.2
1.5
6.5
B59080G1120B262
G1086
29
0.18
1.3
5.5
B59086G1120B262
G1084
50
0.13
0.8
3.1
B59084G1120A161
Gamma L
G1040
25
0.08
1.1
5.0
B59040G1120B161
G1012
35
0.05
0.8
3.5
B59012G1120A161
Overcurrent protection for telecom
Single SMDs
Page 3 of 11
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59012G1120A161

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59012G1120A161 EPCOS-B59012G1120A161 Datasheet
303Kb / 4P
   Line Card Applications, SMDs
More results

Similar Description - B59012G1120A161

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59450T1120A062 EPCOS-B59450T1120A062 Datasheet
226Kb / 9P
   PTC thermistors for overcurrent protection in telecom applications
B59093A0080B110 EPCOS-B59093A0080B110 Datasheet
190Kb / 8P
   PTC thermistors for overcurrent protection in telecom applications
B59805C1080A151 EPCOS-B59805C1080A151 Datasheet
224Kb / 12P
   PTC thermistors for overcurrent protection in telecom applications
B59535T1120A262 EPCOS-B59535T1120A262 Datasheet
302Kb / 13P
   PTC thermistors for overcurrent protection in telecom applications
B59970T1100A062 EPCOS-B59970T1100A062 Datasheet
210Kb / 9P
   PTC thermistors for overcurrent protection in telecom applications
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com