Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B58623K1510A070 Datasheet(PDF) 3 Page - EPCOS

Part # B58623K1510A070
Description  Pressure sensors Pressure transmitters for PCB mounting (voltage output)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B58623K1510A070 Datasheet(HTML) 3 Page - EPCOS

  B58623K1510A070 Datasheet HTML 1Page - EPCOS B58623K1510A070 Datasheet HTML 2Page - EPCOS B58623K1510A070 Datasheet HTML 3Page - EPCOS B58623K1510A070 Datasheet HTML 4Page - EPCOS B58623K1510A070 Datasheet HTML 5Page - EPCOS B58623K1510A070 Datasheet HTML 6Page - EPCOS B58623K1510A070 Datasheet HTML 7Page - EPCOS B58623K1510A070 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pressure sensors
Pressure transmitters for PCB mounting (voltage output)
AC-T series
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 3 of 8
Important notes at the end of this document.
Technical data
Absolute maximum ratings
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Temperature ranges
Storage temperature range
Tst
1)
–40
+105
°C
Operating temperature range
Ta
2)
–25
+85
°C
Compensated temperature range
Tc
3)
0
+70
°C
Soldering temperature
Tsolder
<5 s (no reflow soldering)
+240
°C
Pressure ranges
Overpressure
pov
4), 5)
1.5
pr
Supply voltage /-current
Supply voltage
VCC
6)
4.75
5.5
V
Supply current
ICC
IA = 0
7
mA
Signal output current
IA
7)
2
mA
Output signal at sensor failure
VERR
0.01
V
DC break down voltage
Vis
Types KD, KC only
8)
500
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output signal @ Ta = 25°C, VCC = 5 V, IA < 0.1 mA
Offset
VA0
Simple output ACA, ACR
9)
0.485
0.5
0.515
V
Symmetrical output ACS
9)
2.485
2.5
2.515
V
Signal span (Full Scale)
VFS
10)
3.985
4.0
4.015
V
Nonlinearity
L
Simple output
10), 11)
±0.1
±0.25
% FS
Symmetrical output
10), 11)
±0.25
±0.5
% FS
Response time
t10-90
12)
1
ms
Supply voltage rejection
SVR
10), 13)
±0.01
% FS/V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Data in temperature range @ Ta = –25 ... 85 °C, VCC = 5 V, IA < 0.1 mA
Temperature hysteresis
14)
±0.1
±0.5
% FS
Data in temperature range @ Ta = 0 ... 70 °C, VCC = 5 V, IA < 0.1 mA
Temperature coefficient of offset
TCVA0
pr < 0.25 bar
15)
±0.015
±0.05
% FS/K
pr ≥ 0.25 bar
15)
±0.015
±0.03
% FS/K
Temperature coefficient of span
TCVFS
16)
±0.015
±0.03
% FS/K


Similar Part No. - B58623K1510A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B58623K1510A070 EPCOS-B58623K1510A070 Datasheet
137Kb / 8P
   Pressure transmitters for PCB mounting (voltage output)
More results

Similar Description - B58623K1510A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
AC-TSERIES EPCOS-AC-TSERIES Datasheet
137Kb / 8P
   Pressure transmitters for PCB mounting (voltage output)
B58620A0010A001 EPCOS-B58620A0010A001 Datasheet
169Kb / 7P
   Pressure sensors Barometric pressure transmitters for SMT (voltage output)
MINICELL EPCOS-MINICELL Datasheet
65Kb / 7P
   Pressure sensors Media-separated pressure transmitters (voltage output)
logo
Sensortechnics GmbH
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
logo
All Sensors Corporation
10INCH-D-MV ASC-10INCH-D-MV Datasheet
122Kb / 4P
   Millivolt Output Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com