Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B58611K1500A013 Datasheet(PDF) 5 Page - EPCOS

Part # B58611K1500A013
Description  Pressure sensors Gauge pressure transducers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B58611K1500A013 Datasheet(HTML) 5 Page - EPCOS

  B58611K1500A013 Datasheet HTML 1Page - EPCOS B58611K1500A013 Datasheet HTML 2Page - EPCOS B58611K1500A013 Datasheet HTML 3Page - EPCOS B58611K1500A013 Datasheet HTML 4Page - EPCOS B58611K1500A013 Datasheet HTML 5Page - EPCOS B58611K1500A013 Datasheet HTML 6Page - EPCOS B58611K1500A013 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Pressure sensors
Gauge pressure transducers
AK2 series
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 5 of 7
Important notes at the end of this document.
Symbols and terms
1)
Storage temperature range Tst
A storage of the pressure sensor within the temperature range Tst,min up to Tst,max
and without applied pressure and supply voltage will not affect the performance of the pressure sensor.
2)
Operating temperature range Ta
An operation of the pressure sensor within the temperature range Ta,min up to Ta,max
will not affect the performance of the pressure sensor.
3)
Rated pressure pr
Within the rated pressure range 0 up to pr the signal output characteristic corresponds to this specification.
4)
Overpressure pOV
Pressure cycles within the pressure range 0 up to pov will not affect the performance of the pressure sensor.
5)
Supply voltage VDD
VDD,max is the maximum permissible supply voltage, which can be applied without damages.
The output voltage Vout is ratiometric (Vout ~ VDD).
6)
Offset V0
The offset V0 is the signal output Vout(p = 0) at zero pressure.
7)
Sensitivity S
Within the pressure range 0 up to pr the output voltage is Vout(px) = V0 + S · px
8)
Nonlinearity L (including pressure hysteresis)
The nonlinearity is the deviation of the real sensor characteristic Vout = f(p) from the ideal straight line.
It can be approximated by a polynomial of second order, with the maximum at px = pr / 2 .
The equation to calculate the nonlinearity is:
r
x
0
r
out
0
x
out
p
p
V
)
p
(
V
V
)
p
(
V
L
=
9)
Temperature hysteresis
The temperature hysteresis is the change of offset, starting from the value at 25 °C after a temperature change
and return to 25 °C. Determined during temperature cycles in operating temperature range (cycles with 1 K/min).
(Full Scale): FS = VFS = S · pr
10) Temperature coefficients of the bridge resistance α
α
α
αRS, β
β
β
βRS
Bridge resistance at temperature Tx: RS(Tx) = RS(25 °C) · [ 1 + αRS · (Tx – 25 °C) + βRS · (Tx – 25 °C)
2 ]
Values are valid within the operating temperature range Ta,min up to Ta,max
Out of the operating temperature range, the deviation may increase.
11) Temperature coefficients of the sensitivity α
α
α
αS, β
β
β
βS
Sensitivity at temperature Tx: S(Tx) = S(25 °C) · [ 1 + αS · (Tx – 25 °C) + βS · (Tx – 25 °C)
2 ]
Values are valid within the operating temperature range Ta,min up to Ta,max
Out of the operating temperature range, the deviation may increase.
12) Temperature coefficient of offset TCV
0
Offset at temperature Tx: V0(Tx) = V0(25 °C) + TCV0 · (Tx – 25 °C) · VDD
Values are valid within the operating temperature range Ta,min up to Ta,max
Out of the operating temperature range, the deviation may increase.


Similar Part No. - B58611K1500A013

ManufacturerPart #DatasheetDescription
logo
EPCOS
B58611K1500A013 EPCOS-B58611K1500A013 Datasheet
138Kb / 7P
   Pressure sensors AK2 series
More results

Similar Description - B58611K1500A013

ManufacturerPart #DatasheetDescription
logo
EPCOS
AT2 EPCOS-AT2 Datasheet
127Kb / 7P
   Pressure sensors Absolute pressure transducers
logo
Silicon Microstructures...
SM9233 SMI-SM9233 Datasheet
1Mb / 18P
   Gauge Pressure Sensors
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
   Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
ASDXL05D44D SENSORTECHNICS-ASDXL05D44D Datasheet
50Kb / 4P
   Pressure transducers
logo
Copal Electronics
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
   PRESSURE TRANSDUCERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com