Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B58611K1100A009 Datasheet(PDF) 3 Page - EPCOS

Part # B58611K1100A009
Description  Pressure sensors Gauge pressure transducers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B58611K1100A009 Datasheet(HTML) 3 Page - EPCOS

  B58611K1100A009 Datasheet HTML 1Page - EPCOS B58611K1100A009 Datasheet HTML 2Page - EPCOS B58611K1100A009 Datasheet HTML 3Page - EPCOS B58611K1100A009 Datasheet HTML 4Page - EPCOS B58611K1100A009 Datasheet HTML 5Page - EPCOS B58611K1100A009 Datasheet HTML 6Page - EPCOS B58611K1100A009 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pressure sensors
Gauge pressure transducers
AK2 series
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 3 of 7
Important notes at the end of this document.
Technical data
Absolute maximum ratings
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Temperature ranges
Storage temperature range
Tst
1)
–40
+125
°C
Operating temperature range
Ta
2)
–30
+85
°C
Soldering temperature
Tsolder
<5 s (no reflow soldering)
+240
°C
Supply voltage /-current
Supply voltage
VDD
5)
10
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Offset / bridge resistance @ Ta = 25 °C, VDD = 5 V
Bridge resistance
RS
Chip type C41 (pin1-3)
4.0
5.0
6.0
kΩ
Chip type C27 (pin1-3)
2.6
3.3
4.0
kΩ
Chip type C28 (pin1-3)
2.7
3.2
3.7
kΩ
Offset
V0
6)
–25
0
+25
mV
Data in temperature range @ Ta = –30 ... 85 °C, VDD = 5 V
Temperature hysteresis
9)
±0.1
±0.5
% FS
Temperature coefficients of the
αRs
10)
2.1
2.4
2.7
10
-3/K
bridge resistance
βRs
4
6
8
10
-6/K2
Temperature coefficients of the
αS
11)
–2.4
–2.2
–2.0
10
-3/K
sensitivity
βS
3
5
8
10
-6/K2
Temperature coefficient of offset
TCV0
12)
±4
µV/VK
Data dependent on rated pressure @ Ta = 25 °C, VDD = 5 V
Rated pressure pr
3)
Chip type
Sensitivity S
7)
Nonlinearity L
8)
Overpressure pov
4)
bar
Min.
mV/bar
Typ.
mV/bar
Max.
mV/bar
Typ.
% FS
Max.
% FS
Min.
bar
0.025
C41
640
1000
1280
±1
±1.75
0.25
0.060
C41
450
700
833
±0.75
±1.5
0.35
0.100
C27
350
500
700
±0.5
±1
0.5
0.250
C27
300
400
480
±0.5
±1
0.6
0.400
C27
225
300
375
±0.5
±1
1
1.000
C27
90
120
150
±0.25
±0.5
3
2.500
C28
36
48
60
±0.25
±0.5
5
6.000
C28
15
20
25
±0.25
±0.5
9
10.00
C28
9
12
15
±0.25
±0.5
24
25.00
C28
3.6
4.8
6
±0.25
±0.5
37.5


Similar Part No. - B58611K1100A009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B58611K1100A009 EPCOS-B58611K1100A009 Datasheet
138Kb / 7P
   Pressure sensors AK2 series
More results

Similar Description - B58611K1100A009

ManufacturerPart #DatasheetDescription
logo
EPCOS
AT2 EPCOS-AT2 Datasheet
127Kb / 7P
   Pressure sensors Absolute pressure transducers
logo
Silicon Microstructures...
SM9233 SMI-SM9233 Datasheet
1Mb / 18P
   Gauge Pressure Sensors
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
   Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
ASDXL05D44D SENSORTECHNICS-ASDXL05D44D Datasheet
50Kb / 4P
   Pressure transducers
logo
Copal Electronics
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
   PRESSURE TRANSDUCERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com