Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B58620L1110A053 Datasheet(PDF) 2 Page - EPCOS

Part # B58620L1110A053
Description  Pressure sensors Pressure transmitters for PCB mounting (voltage output)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B58620L1110A053 Datasheet(HTML) 2 Page - EPCOS

  B58620L1110A053 Datasheet HTML 1Page - EPCOS B58620L1110A053 Datasheet HTML 2Page - EPCOS B58620L1110A053 Datasheet HTML 3Page - EPCOS B58620L1110A053 Datasheet HTML 4Page - EPCOS B58620L1110A053 Datasheet HTML 5Page - EPCOS B58620L1110A053 Datasheet HTML 6Page - EPCOS B58620L1110A053 Datasheet HTML 7Page - EPCOS B58620L1110A053 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pressure sensors
Pressure transmitters for PCB mounting (voltage output)
AC-T series
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 2 of 8
Important notes at the end of this document.
Description
The transmitters are based on piezoresistive silicon pressure sensors
from our own clean room.
The T-series electronic compensates nonlinearity and temperature
errors and supplies a precise calibrated output signal with a high
immunity against electromagnetic influences (EMI).
Features
Piezoresistive MEMS technology
Measured media (absolute pressure):
Air, non-aggressive gases (gas humidity 0 ... 85% r.h., without dew).
Unsuitable for substances, which react with glass, silicon, aluminum,
ceramics, polybutylene terephthalate, silicone glue or silicone gel.
Measured media (gauge pressure):
Air, non-aggressive gases (gas humidity 0 ... 100% r.h.)
and non-aggressive fluids.
Unsuitable for substances which react with glass, silicon, stainless
steel, silicone glue (pr ≤ 10 bar) or epoxy glue (pr > 10 bar).
Voltage output proportional to pressure: 0.5 ... 4.5 V
RoHS-compatible, halogen-free
Dual-in-line package for PCB mounting
Dimensional drawings
Type LN for absolute pressure
(4.8 mm tube fitting)
Type KD for gauge pressure
(4.8 mm tube fitting)
Type KC for gauge pressure
(M5 thread connection)
All dimensions in mm


Similar Part No. - B58620L1110A053

ManufacturerPart #DatasheetDescription
logo
EPCOS
B58620L1110A053 EPCOS-B58620L1110A053 Datasheet
137Kb / 8P
   Pressure transmitters for PCB mounting (voltage output)
More results

Similar Description - B58620L1110A053

ManufacturerPart #DatasheetDescription
logo
EPCOS
AC-TSERIES EPCOS-AC-TSERIES Datasheet
137Kb / 8P
   Pressure transmitters for PCB mounting (voltage output)
B58620A0010A001 EPCOS-B58620A0010A001 Datasheet
169Kb / 7P
   Pressure sensors Barometric pressure transmitters for SMT (voltage output)
MINICELL EPCOS-MINICELL Datasheet
65Kb / 7P
   Pressure sensors Media-separated pressure transmitters (voltage output)
logo
Sensortechnics GmbH
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
logo
All Sensors Corporation
10INCH-D-MV ASC-10INCH-D-MV Datasheet
122Kb / 4P
   Millivolt Output Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com