Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57442V5472J062 Datasheet(PDF) 3 Page - EPCOS

Part # B57442V5472J062
Description  NTC thermistors for temperature measurement
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57442V5472J062 Datasheet(HTML) 3 Page - EPCOS

  B57442V5472J062 Datasheet HTML 1Page - EPCOS B57442V5472J062 Datasheet HTML 2Page - EPCOS B57442V5472J062 Datasheet HTML 3Page - EPCOS B57442V5472J062 Datasheet HTML 4Page - EPCOS B57442V5472J062 Datasheet HTML 5Page - EPCOS B57442V5472J062 Datasheet HTML 6Page - EPCOS B57442V5472J062 Datasheet HTML 7Page - EPCOS B57442V5472J062 Datasheet HTML 8Page - EPCOS B57442V5472J062 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Reliability data
Tests of SMD NTC thermistors are based on AEC-Q200 Rev-C. The parts are mounted on
standardized PCB.
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Pre- and
post-stress
electrical test
Resistance at: 25
°C and 100 °C
High temperature
exposure
(storage)
MIL-STD-202
Method 108
Test temperature: 150
°C
Duration: 1000 h
Unpowered
< 5%
Temperature
cycling
JESD22
Method JA-104
Lower test temperature:
40
°C
Upper test temperature: 150
°C
Number of cycles: 1000
< 5%
Moisture
resistance
MIL-STD-202
Method 106
Lower test temperature: 25
°C
Upper test temperature: 65
°C
Rel. humidity of air: 90% ... 98%
(during cooling phase: 80% ... 98%)
Duration of 1 cycle: 24 h
Number of cycles: 10
Unpowered
< 5%
Biased humidity
MIL-STD-202
Method 103
Test temperature: 85
°C
Rel. humidity of air: 85%
Duration: 1000 h
Test voltage: V = 0.3 V DC
< 5%
Operational life
MIL-STD-202
Method 108
Test temperature: 150
°C
Pmax = 0.35 mW
Duration: 1000 h
< 5%
External visual
MIL-STD-883E
Method 2009
Visual inspection
Physical
dimensions
JESD22
Method
JB-100
Measured with calibers
Within the
specified
values
Therminal
strength
(leaded)
MIL-STD-202
Method 211
Not applicable for SMD thermistors
Resistance to
solvents
MIL-STD-202
Method 215
Not applicable for SMD thermistors
(component has no marking, color
coding or coating)
Mechanical shock
MIL-STD-202
Method 213
Peak value: 1500 g
Half sine
Condition F
< 5%
Temperature measurement and compensation
B574**V5
SMD NTC thermistors for automotive, case size 0805 (2012)
Automotive
Page 3 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57442V5472J062

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57442V5472062 TDK-B57442V5472062 Datasheet
485Kb / 21P
   NTC thermistors for temperature measurement
More results

Similar Description - B57442V5472J062

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com