Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11D1S Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # H11D1S
Description  Property of Lite-On Only
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

H11D1S Datasheet(HTML) 6 Page - Lite-On Technology Corporation

  H11D1S Datasheet HTML 1Page - Lite-On Technology Corporation H11D1S Datasheet HTML 2Page - Lite-On Technology Corporation H11D1S Datasheet HTML 3Page - Lite-On Technology Corporation H11D1S Datasheet HTML 4Page - Lite-On Technology Corporation H11D1S Datasheet HTML 5Page - Lite-On Technology Corporation H11D1S Datasheet HTML 6Page - Lite-On Technology Corporation H11D1S Datasheet HTML 7Page - Lite-On Technology Corporation H11D1S Datasheet HTML 8Page - Lite-On Technology Corporation H11D1S Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
ELECTRICAL - OPTICAL CHARACTERISTICS
( Ta = 25
°C )
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT
CONDITIONS
Forward Voltage
VF
1.2
1.5
V
IF = 10mA
Reverse Current
IR
0.01
10
µA
VR = 6V
INPUT
Terminal Capacitance
Ct
30
250
pF
V=0, f = 1KHz
Collector Dark Current
ICER
100
nA
VCE=200V
RBE=1MΩ
Collector-Emitter
Breakdown Voltage
BVCER
300
V
IC=0.1mA, IF=0
RBE=1MΩ
OUTPUT
Emitter-Collector
Breakdown Voltage
BVECO
7
V
IE=10µA
IF=0
Collector Current
IC
2
mA
*1 Current Transfer Ratio
CTR
20
%
IF=10mA,VCE=10V
RBE=1MΩ
Collector-Emitter
Saturation Voltage
VCE(sat)
0.25
0.4
V
IF=10mA,IC=0.5mA
RBE=1MΩ
Isolation Resistance
Riso
5x10
10
DC500V
40 ~ 60% R.H.
Floating Capacitance
Cf
0.6
pF
V=0, f=1MHz
Turn - on Time
t on
5
µs
TRANSFER
CHARACTERISTICS
Turn - off Time
t off
5
µs
VCC=10V, IC=2mA
RL=100
*1 CTR
I
I
100%
C
F
Part No. : H11D1 ( M, S, S-TA1 )
Page :
6of 9
BNS-OD-C131/A4


Similar Part No. - H11D1S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11D1S FAIRCHILD-H11D1S Datasheet
382Kb / 8P
   HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
H11D1SD FAIRCHILD-H11D1SD Datasheet
382Kb / 8P
   HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
H11D1SM FAIRCHILD-H11D1SM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
logo
ON Semiconductor
H11D1SM ONSEMI-H11D1SM Datasheet
339Kb / 10P
   6-Pin DIP High Voltage Phototransistor Optocouplers
February, 2022 - Rev. 0
logo
Fairchild Semiconductor
H11D1SR2M FAIRCHILD-H11D1SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
More results

Similar Description - H11D1S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com