Electronic Components Datasheet Search |
|
B57471V2682H062 Datasheet(PDF) 4 Page - EPCOS |
|
B57471V2682H062 Datasheet(HTML) 4 Page - EPCOS |
4 / 20 page Reliability data SMD NTC thermistors are tested in accordance with IEC 60068. The parts are mounted on a standardized PCB in accordance with IEC 60539-1. Test Standard Test conditions ∆R 25/R25 (typical) Remarks Storage in dry heat IEC 60068-2-2 JIS C 0021 Storage at upper category temperature T: (125 ±2) °C t: 1000 h < 2% Storage in damp heat, steady state IEC 60068-2-78 JIS C 0022 Temperature of air: (40 ±2) °C Relative humidity of air: (93 +2/ 3)% Duration: 56 days < 2% Rapid temperature cycling IEC 60068-2-14 JIS C 0025 Lower test temperature: 55 °C Upper test temperature: 125 °C Number of cycles: 100 < 2% Endurance Pmax: 210 mW T: (65 ±2) °C t: 1000 h < 2% Solderability IEC 60068-2-58 JIS C 0054 Solderability: (215 ±3) °C, (3 ±0.3) s (235 ±5) °C, (2 ±0.2) s Resistance to soldering heat: (260 ±5) °C, (10 ±1) s 95% of terminations wetted Resistance drift after soldering Reflow soldering profile Wave soldering profile < 1% Temperature measurement and compensation B574**V2 SMD NTC thermistors, case size 0805 (2012) Page 4 of 20 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B57471V2682H062 |
|
Similar Description - B57471V2682H062 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |