Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY3330-HV5-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LY3330-HV5-PF
Description  HIGH VOLTAGE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LY3330-HV5-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LY3330-HV5-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LY3330-HV5-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LY3330-HV5-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LY3330-HV5-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LY3330-HV5-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LY3330-HV5-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Typical Electrical & Optical Characteristics (Ta=25
)
Absolute Maximum Ratings at Ta=25
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
UNIT
V
V
5
Y
Ratings
8
Vr
-40 ~ +85
-40 ~ +100
Parameter
Operating Temperature
Storage Temperature
Symbol
Topr
Tstg
VF
2/5
Viewing
angle
2
θ 1/2
(deg)
28
Min.
Min.
Forward
current
(mA)
@ 5V
Max.
Lens
Peak
wave
length
λPnm
Spectral
halfwidth
△λnm
8.0
Luminous
intensity
(mcd)
@5V
16
Typ.
Emitted
PART NO
MATERIAL
COLOR
Reverse
current
(uA)
VR= 8V
Max.
LY3330/HV5-PF
100
20
12
GaAsP/GaP
Yellow Yellow Diffused
585
35
LY3330/HV5-PF
PART NO.
Forward voltage
Reverse voltage


Similar Part No. - LY3330-HV5-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LY3330-HV12-PF LIGITEK-LY3330-HV12-PF Datasheet
128Kb / 6P
   HIGH VOLTAGE LED LAMPS
More results

Similar Description - LY3330-HV5-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LI2040-HV5-PF LIGITEK-LI2040-HV5-PF Datasheet
126Kb / 6P
   HIGH VOLTAGE LED LAMPS
LY3330-HV12-PF LIGITEK-LY3330-HV12-PF Datasheet
128Kb / 6P
   HIGH VOLTAGE LED LAMPS
LE3330-HV12-PF LIGITEK-LE3330-HV12-PF Datasheet
127Kb / 6P
   HIGH VOLTAGE LED LAMPS
LG2040-HV5-PF LIGITEK-LG2040-HV5-PF Datasheet
126Kb / 6P
   HIGH VOLTAGE LED LAMPS
LYG75363-HV5-PF LIGITEK-LYG75363-HV5-PF Datasheet
139Kb / 7P
   HIGH VOLTAGE LED LAMPS
LI32640-HV12-PF-FD LIGITEK-LI32640-HV12-PF-FD Datasheet
196Kb / 7P
   HIGH VOLTAGE LED LAMPS
LG65060-S6-PF LIGITEK-LG65060-S6-PF Datasheet
126Kb / 6P
   HIGH VOLTAGE LED LAMPS
LG3330-HV5-PF LIGITEK-LG3330-HV5-PF Datasheet
127Kb / 6P
   HIGH VOLTAGE LED LAMPS
LG3330-HV12-PF LIGITEK-LG3330-HV12-PF Datasheet
135Kb / 6P
   HIGH VOLTAGE LED LAMPS
LI2040-HV15-PF LIGITEK-LI2040-HV15-PF Datasheet
237Kb / 8P
   HIGH VOLTAGE LED LAMPS
LFI2060-HV48-O-PF LIGITEK-LFI2060-HV48-O-PF Datasheet
98Kb / 6P
   HIGH VOLTAGE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com