Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32026A3334M000 Datasheet(PDF) 6 Page - EPCOS

Part # B32026A3334M000
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32026A3334M000 Datasheet(HTML) 6 Page - EPCOS

Back Button B32026A3334M000 Datasheet HTML 2Page - EPCOS B32026A3334M000 Datasheet HTML 3Page - EPCOS B32026A3334M000 Datasheet HTML 4Page - EPCOS B32026A3334M000 Datasheet HTML 5Page - EPCOS B32026A3334M000 Datasheet HTML 6Page - EPCOS B32026A3334M000 Datasheet HTML 7Page - EPCOS B32026A3334M000 Datasheet HTML 8Page - EPCOS B32026A3334M000 Datasheet HTML 9Page - EPCOS B32026A3334M000 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
37.5
0.33
12.0
× 22.0 × 41.5 B32026A3334+***
1620
0.47
14.0
× 25.0 × 41.5 B32026A3474+***
1380
0.56
14.0
× 25.0 × 41.5 B32026A3564M***
1380
0.56
16.0
× 28.5 × 41.5 B32026B3564+***
800
0.68
16.0
× 28.5 × 41.5 B32026A3684+***
800
0.82
16.0
× 28.5 × 41.5 B32026A3824M***
800
0.82
18.0
× 32.5 × 41.5 B32026B3824+***
720
1.0
18.0
× 32.5 × 41.5 B32026A3105M***
720
1.0
20.0
× 39.5 × 41.5 B32026B3105+***
640
B32021 ... B32026
Y2 / 300 V AC
Page 6 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32026A3334M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32026A3334 EPCOS-B32026A3334 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
logo
TDK Electronics
B32026A3334 TDK-B32026A3334 Datasheet
325Kb / 22P
   Film Capacitors - Power Factor Correction
B32026A3334 TDK-B32026A3334 Datasheet
373Kb / 22P
   EMI Suppression Capacitors
More results

Similar Description - B32026A3334M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_09 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com