Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32913A3154M289 Datasheet(PDF) 9 Page - EPCOS

Part # B32913A3154M289
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32913A3154M289 Datasheet(HTML) 9 Page - EPCOS

Back Button B32913A3154M289 Datasheet HTML 5Page - EPCOS B32913A3154M289 Datasheet HTML 6Page - EPCOS B32913A3154M289 Datasheet HTML 7Page - EPCOS B32913A3154M289 Datasheet HTML 8Page - EPCOS B32913A3154M289 Datasheet HTML 9Page - EPCOS B32913A3154M289 Datasheet HTML 10Page - EPCOS B32913A3154M289 Datasheet HTML 11Page - EPCOS B32913A3154M289 Datasheet HTML 12Page - EPCOS B32913A3154M289 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2
Cleaning
To determine whether the following solvents, often used to remove flux residues and other sub-
stances, are suitable for the capacitors described, refer to the table below:
Type
Ethanol,
isopropanol,
n-propanol
n-propanol-water
mixtures,
water with surface
tension-reducing
tensides (neutral)
Solvent from
table A (see
next page)
Solvent from
table B (see
next page)
MKT
(uncoated)
Suitable
Unsuitable
In part suitable Unsuitable
MKT, MKP, MFP
(coated/boxed)
Suitable
Suitable
Even when suitable solvents are used, a reversible change of the electrical characteristics may
occur in uncoated capacitors immediately after they are washed. Thus it is always recommended
to dry the components (e.g. 4 h at 70
°C) before they are subjected to subsequent electrical test-
ing.
Table A
Manufacturers' designations for trifluoro-trichloro-ethane-based cleaning solvents (selection)
Trifluoro-trichloro-
ethane
Mixtures of trifluoro-trichloro-ethane with ethanol and
isopropanol
Manufacturer
Freon TF
Freon TE 35; Freon TP 35; Freon TES
Du Pont
Frigen 113 TR
Frigen 113 TR-E; Frigen 113 TR-P; Frigen TR-E 35
Hoechst
Arklone P
Arklone A; Arklone L; Arklone K
ICI
Kaltron 113 MDR
Kaltron 113 MDA; Kaltron 113 MDI; Kaltron 113 MDI 35
Kali-Chemie
Flugene 113
Flugene 113 E; Flugene 113 IPA
Rhone-Progil
Table B (worldwide banned substances)
Manufacturers' designations for unsuitable cleaning solvents (selection)
Mixtures of chlorinated hydrocarbons and ketones with fluorated hydrocarbons
Manufacturer
Freon TMC; Freon TA; Freon TC
Du Pont
Arklone E
ICI
Kaltron 113 MDD; Kaltron 113 MDK
Kali-Chemie
Flugene 113 CM
Rhone-Progil
B32911 ... B32916
X1 / 330 V AC
Page 9 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32913A3154M289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32913A3154 EPCOS-B32913A3154 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
B32913A3154 EPCOS-B32913A3154 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32913A3154 EPCOS-B32913A3154 Datasheet
299Kb / 14P
   Film Capacitors
B32913A3154 EPCOS-B32913A3154 Datasheet
331Kb / 19P
   EMI Suppression Capacitors (MKP)
B32913A3154000 EPCOS-B32913A3154000 Datasheet
299Kb / 14P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32913A3154M289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com