Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32928E3256K189 Datasheet(PDF) 8 Page - EPCOS

Part # B32928E3256K189
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32928E3256K189 Datasheet(HTML) 8 Page - EPCOS

Back Button B32928E3256K189 Datasheet HTML 4Page - EPCOS B32928E3256K189 Datasheet HTML 5Page - EPCOS B32928E3256K189 Datasheet HTML 6Page - EPCOS B32928E3256K189 Datasheet HTML 7Page - EPCOS B32928E3256K189 Datasheet HTML 8Page - EPCOS B32928E3256K189 Datasheet HTML 9Page - EPCOS B32928E3256K189 Datasheet HTML 10Page - EPCOS B32928E3256K189 Datasheet HTML 11Page - EPCOS B32928E3256K189 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Immersion depth
2.0 +0/ 0.5 mm from capacitor body or seating plane
Shield
Heat-absorbing board, (1.5
±0.5) mm thick, between capacitor
body and liquid solder
Evaluation criteria:
Visual inspection
No visible damage
∆C/C
0
2% for MKT/MKP/MFP
5% for EMI suppression capacitors
tan
δ
As specified in sectional specification
B32923E/F ... B32928E/F
Efficient filtering – X2 / 305 V AC
Page 8 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32928E3256K189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32928E3256K000 EPCOS-B32928E3256K000 Datasheet
317Kb / 18P
   EMI Suppression Capacitors (MKP)
More results

Similar Description - B32928E3256K189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_09 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com