Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32923C3334M289 Datasheet(PDF) 5 Page - EPCOS

Part # B32923C3334M289
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32923C3334M289 Datasheet(HTML) 5 Page - EPCOS

  B32923C3334M289 Datasheet HTML 1Page - EPCOS B32923C3334M289 Datasheet HTML 2Page - EPCOS B32923C3334M289 Datasheet HTML 3Page - EPCOS B32923C3334M289 Datasheet HTML 4Page - EPCOS B32923C3334M289 Datasheet HTML 5Page - EPCOS B32923C3334M289 Datasheet HTML 6Page - EPCOS B32923C3334M289 Datasheet HTML 7Page - EPCOS B32923C3334M289 Datasheet HTML 8Page - EPCOS B32923C3334M289 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
x Preferred type
MOQ = Minimum Order Quantity, consisting of 4 packing units.
For new design, please refer to the B3292xE/F data sheet.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
(Closer tolerances on request)
27.5
0.68
11.0
× 19.0 × 31.5 B32924C3684+***
1400
1280
1.0
11.0
× 19.0 × 31.5 B32924C3105+***
1400
1280
1.5
12.5
× 21.5 × 31.5 B32924C3155+*** x
1200
1120
2.2
14.0
× 24.5 × 31.5 B32924C3225+***
1040
3.3
16.0
× 32.0 × 31.5 B32924D3335K***
880
3.3
18.0
× 27.5 × 31.5 B32924C3335M***
800
4.7
18.0
× 33.0 × 31.5 B32924C3475M***
800
4.7
21.0
× 31.0 × 31.5 B32924D3475K***
720
37.5
2.2
14.0
× 25.0 × 41.5 B32926C3225+***
1380
3.3
16.0
× 28.5 × 41.5 B32926C3335+***
800
4.7
18.0
× 32.5 × 41.5 B32926C3475+***
720
6.8
20.0
× 39.5 × 41.5 B32926C3685+***
640
10
28.0
× 42.5 × 41.5 B32926C3106+***
440
B32921C/D ... B32926C/D
X2 / 305 V AC
Page 5 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32923C3334M289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32923C3334M289 EPCOS-B32923C3334M289 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32923C3334M289 EPCOS-B32923C3334M289 Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
More results

Similar Description - B32923C3334M289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_09 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com