Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B44020J0006B008 Datasheet(PDF) 5 Page - EPCOS

Part # B44020J0006B008
Description  Aluminum electrolytic capacitors Capacitors with screw terminals
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B44020J0006B008 Datasheet(HTML) 5 Page - EPCOS

  B44020J0006B008 Datasheet HTML 1Page - EPCOS B44020J0006B008 Datasheet HTML 2Page - EPCOS B44020J0006B008 Datasheet HTML 3Page - EPCOS B44020J0006B008 Datasheet HTML 4Page - EPCOS B44020J0006B008 Datasheet HTML 5Page - EPCOS B44020J0006B008 Datasheet HTML 6Page - EPCOS B44020J0006B008 Datasheet HTML 7Page - EPCOS B44020J0006B008 Datasheet HTML 8Page - EPCOS B44020J0006B008 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Ring clip mounting
Ring clips are primarily used for upright mounting of screw-terminal and photoflash capacitors.
The ring clips are corrosion protected and are RoHS-compatible.
It is recommended to insert an additional insulating strip between capacitor and ring clip to avoid
any risk of damage due to edges from the clip. The strip is included in delivery. For ordering code,
see the following table. Attention must be paid to any relevant regulations (e.g. VDE, BSA or UL).
dN
h1
mm
h2
Ring clip version
Ordering code
with insulating strip
35
15
10
B44030J0036B000
(insulating strip
length: 230 mm)
50
22
15
B44030J0051B000
(insulating strip
length: 325 mm)
B44030
Screw terminals
Accessories
Page 5 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B44020J0006B008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44020J0006B008 EPCOS-B44020J0006B008 Datasheet
329Kb / 10P
   Accessories for capacitors with mounting stud on capacitor base
logo
TDK Electronics
B44020J0006B008 TDK-B44020J0006B008 Datasheet
439Kb / 15P
   Aluminum electrolytic capacitors
More results

Similar Description - B44020J0006B008

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41560 TDK-B41560 Datasheet
452Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41456 TDK-B41456 Datasheet
449Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41550 TDK-B41550 Datasheet
464Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41554 TDK-B41554 Datasheet
410Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
EPCOS
B43310 EPCOS-B43310 Datasheet
248Kb / 13P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com