Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32922C3224K784 Datasheet(PDF) 5 Page - EPCOS

Part # B32922C3224K784
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32922C3224K784 Datasheet(HTML) 5 Page - EPCOS

  B32922C3224K784 Datasheet HTML 1Page - EPCOS B32922C3224K784 Datasheet HTML 2Page - EPCOS B32922C3224K784 Datasheet HTML 3Page - EPCOS B32922C3224K784 Datasheet HTML 4Page - EPCOS B32922C3224K784 Datasheet HTML 5Page - EPCOS B32922C3224K784 Datasheet HTML 6Page - EPCOS B32922C3224K784 Datasheet HTML 7Page - EPCOS B32922C3224K784 Datasheet HTML 8Page - EPCOS B32922C3224K784 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Technical data
Max. operating temperature Top,max
+105
°C
Dissipation factor tan
δ (in 10-3)
at 20
°C (upper limit values)
CR
≤ 0.1 µF 0.1 µF < C
R
≤ 2.2 µF
at
1 kHz
100 kHz
1.0
5.0
1.0
Insulation resistance Rins
or time constant
τ = C
R
Rins
at 100 V DC, 20
°C,
rel. humidity
≤ 65% and for 60 s
(minimum as-delivered values)
CR
≤ 0.33 µF
CR > 0.33
µF
100 000 M
30 000 s
DC test voltage
2000 V, 2 s
Passive flammability category
to IEC 40 (CO) 752
B
Capacitance tolerances
(measured at 1 kHz)
±10% (K), ±20% (M)
Rated AC voltage ( IEC 60384-14 )
305 V (50/60 Hz)
Maximum continuous DC voltage VDC
630 V
Operating voltage Vop at high temperature
TA
≤ 105 °C
Vop = 1.25 VAC (1000 h)
Damp heat test
Test conditions
1. Temperature:
Relative humidity (RH):
Test duration:
+40
°C ±2 °C
93%
±2%
1000 hours
or
2. Temperature:
Relative humidity (RH):
Test duration:
Voltage value:
+85
°C ±2 °C
85%
±2%
200 hours
240 V AC, 50 Hz
or
3. Temperature:
Relative humidity (RH):
Test duration:
Voltage value:
+40
°C ±2 °C
93%
±2%
500 hours
240 V AC, 50 Hz
Limit values after damp heat test
Capacitance change (
∆C/C):
Dissipation factor change (
∆tan δ):
≤ 10%
≤ 0.5 10-3
(at 1 kHz)
≤ 1.0 10-3
(at 10 kHz)
Insulation resistance Rins
or time constant
τ = C
R
Rins:
≥ 50% of minimum
as-delivered
values
B32922*7 ... B32924*7
X2 / 305 V AC
Page 5 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32922C3224K784

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32922C3224K000 EPCOS-B32922C3224K000 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3224K189 EPCOS-B32922C3224K189 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3224K289 EPCOS-B32922C3224K289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32922C3224K784

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_09 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com