Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32922C3154K784 Datasheet(PDF) 3 Page - EPCOS

Part # B32922C3154K784
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32922C3154K784 Datasheet(HTML) 3 Page - EPCOS

  B32922C3154K784 Datasheet HTML 1Page - EPCOS B32922C3154K784 Datasheet HTML 2Page - EPCOS B32922C3154K784 Datasheet HTML 3Page - EPCOS B32922C3154K784 Datasheet HTML 4Page - EPCOS B32922C3154K784 Datasheet HTML 5Page - EPCOS B32922C3154K784 Datasheet HTML 6Page - EPCOS B32922C3154K784 Datasheet HTML 7Page - EPCOS B32922C3154K784 Datasheet HTML 8Page - EPCOS B32922C3154K784 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Approvals
Approval marks
Standards
Certificate
EN 60384-14 / IEC 60384-14
40010694
UL 1414 / UL 1283
E97863 / E157153
CSA C22.2 No. 1 / CSA C22.2 No. 8 E97863 / E157153
Overview of available types
Lead spacing 15 mm
22.5 mm
27.5 mm
Type
B32922*7
B32923*7
B32924*7
CR (
µF)
0.10
0.15
0.22
0.33
0.47
0.56
0.68
0.82
1.0
1.5
2.2
B32922*7 ... B32924*7
X2 / 305 V AC
Page 3 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32922C3154K784

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32922C3154K000 EPCOS-B32922C3154K000 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3154K189 EPCOS-B32922C3154K189 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3154K289 EPCOS-B32922C3154K289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32922C3154K784

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_09 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com