Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY2043-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LY2043-PF
Description  ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LY2043-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LY2043-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LY2043-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LY2043-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LY2043-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LY2043-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LY2043-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
-40 ~ +100
Tstg
Storage Temperature
Yellow
Emitted
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
)
MATERIAL
PART NO
LY2043-PF
GaAsP/GaP
Viewing
angle
2
θ 1/2
(deg)
20
Forward
voltage
@
mA(V)
Spectral
halfwidth
△λnm
Peak
wave
length
λPnm
Luminous
intensity
@10mA(mcd)
Water Clear
Lens
585
35
30
Typ.
Max.
1.7
2.6
Min.
12
Min.
30
COLOR
Absolute Maximum Ratings at Ta=25
Forward Current
Operating Temperature
Power Dissipation
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Parameter
2/5
Page
Ratings
60
10
80
20
-40 ~ +85
Y
IF
Topr
Ir
PD
IFP
Symbol
mA
μA
mA
mW
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LY2043-PF


Similar Part No. - LY2043-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LY2040-H0-PF LIGITEK-LY2040-H0-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LY2040-H0-PF-TBS-X LIGITEK-LY2040-H0-PF-TBS-X Datasheet
125Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LY2040-HV15-PF LIGITEK-LY2040-HV15-PF Datasheet
178Kb / 7P
   ROUND TYPE LED LAMPS
LY2040-P1-PF-TBS-X LIGITEK-LY2040-P1-PF-TBS-X Datasheet
148Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LY2040-PF LIGITEK-LY2040-PF Datasheet
81Kb / 6P
   ROUND TYPE LED LAMPS
More results

Similar Description - LY2043-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com