Electronic Components Datasheet Search |
|
B32021A3682K189 Datasheet(PDF) 8 Page - EPCOS |
|
B32021A3682K189 Datasheet(HTML) 8 Page - EPCOS |
8 / 18 page Mounting guidelines 1 Soldering 1.1 Solderability of leads The solderability of terminal leads is tested to IEC 60068-2-20, test Ta, method 1. Before a solderability test is carried out, terminals are subjected to accelerated ageing (to IEC 60068-2-2, test Ba: 4 h exposure to dry heat at 155 °C). Since the ageing temperature is far higher than the upper category temperature of the capacitors, the terminal wires should be cut off from the capacitor before the ageing procedure to prevent the solderability being impaired by the products of any capacitor decomposition that might occur. Solder bath temperature 235 ±5 °C Soldering time 2.0 ±0.5 s Immersion depth 2.0 +0/ 0.5 mm from capacitor body or seating plane Evaluation criteria: Visual inspection Wetting of wire surface by new solder ≥90%, free-flowing solder 1.2 Resistance to soldering heat Resistance to soldering heat is tested to IEC 60068-2-20, test Tb, method 1A. Conditions: Series Solder bath temperature Soldering time MKT boxed (except 2.5 × 6.5 × 7.2 mm) coated uncoated (lead spacing > 10 mm) 260 ±5 °C 10 ±1 s MFP MKP (lead spacing > 7.5 mm) MKT boxed (case 2.5 × 6.5 × 7.2 mm) 5 ±1 s MKP MKT (lead spacing ≤ 7.5 mm) uncoated (lead spacing ≤ 10 mm) insulated (B32559) < 4 s recommended soldering profile for MKT uncoated (lead spacing ≤ 10 mm) and insulated (B32559) B32021 ... B32026 Y2 / 300 V AC Page 8 of 18 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B32021A3682K189 |
|
Similar Description - B32021A3682K189 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |