Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25834-D4336-K009 Datasheet(PDF) 6 Page - EPCOS

Part # B25834-D4336-K009
Description  MKV AC capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25834-D4336-K009 Datasheet(HTML) 6 Page - EPCOS

Back Button B25834-D4336-K009 Datasheet HTML 2Page - EPCOS B25834-D4336-K009 Datasheet HTML 3Page - EPCOS B25834-D4336-K009 Datasheet HTML 4Page - EPCOS B25834-D4336-K009 Datasheet HTML 5Page - EPCOS B25834-D4336-K009 Datasheet HTML 6Page - EPCOS B25834-D4336-K009 Datasheet HTML 7Page - EPCOS B25834-D4336-K009 Datasheet HTML 8Page - EPCOS B25834-D4336-K009 Datasheet HTML 9Page - EPCOS B25834-D4336-K009 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Please read Cautions and warnings and
6
09/05
Important notes at the end of this document.
MKV AC Capacitors
Damping, Commutating
B25834
VR = AC 1400 V
= 1800 V
vs = 2400 V
VTT = AC 1800 V, 10 s
VTC = AC 3600 V, 10 s
4.7
60
470
1200
9.3
150 64.2 × 176
1
680
B25834-D0475-K004
6.8
60
680
1700
6.6
150 64.2 × 176
1
680
B25834-D0685-K004
10
80
1000
2500
5.2
150 79.2 × 176
1
1000
B25834-D0106-K004
15
80
1500
3800
3.8
150 89.3 × 176
1
1300
B25834-D0156-K004
22
80
2200
5500
2.9
150 99.3 × 176
1
1600
B25834-D0226-K004
VR = AC 1700 V
= 2100 V
vs = 2900 V
VTT = AC 2100 V, 10 s
VTC = AC 4000 V, 10 s
4.7
60
560
1400
13.0
220 64.2 × 248
1
960
B25834-D1475-K004
6.8
60
820
2000
9.0
220 64.2 × 248
1
960
B25834-D1685-K004
10
80
1200
3000
7.0
220 79.2 × 248
1
1500
B25834-D1106-K004
15
80
1800
4500
5.3
220 89.3 × 248
1
1900
B25834-D1156-K004
22
80
2600
6600
3.9
220 99.3 × 248
1
2300
B25834-D1226-K004
VR = AC 2100 V
= 2600 V
vs = 3600 V
VTT = AC 2600 V, 10 s
VTC = AC 4800 V, 10 s
3.3
60
530
1300
13.0
220 64.2 × 248
1
960
B25834-D2335-K004
4.7
60
750
1900
9.4
220 64.2 × 248
1
960
B25834-D2475-K004
6.8
80
1100
2700
7.4
220 79.2 × 248
1
1500
B25834-D2685-K004
10
80
1600
4000
5.4
220 89.3 × 248
1
1900
B25834-D2106-K004
15
80
2400
6000
4.1
220 99.3 × 248
1
2300
B25834-D2156-K004
Characteristics and ordering codes
CR1)
μF
Imax
A
î
A
Is
A
RS
20 °C
Lself
nH
Dimensions
d × l
mm
Fig. Appr.
weight
g
Ordering code
1) Other capacitance values upon request


Similar Part No. - B25834-D4336-K009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25834C6226K4 EPCOS-B25834C6226K4 Datasheet
280Kb / 14P
   Power Capacitors
B25834D6156K004 EPCOS-B25834D6156K004 Datasheet
280Kb / 14P
   Power Capacitors
B25834D6156K009 EPCOS-B25834D6156K009 Datasheet
280Kb / 14P
   Power Capacitors
B25834D6226K004 EPCOS-B25834D6226K004 Datasheet
280Kb / 14P
   Power Capacitors
B25834D6226K009 EPCOS-B25834D6226K009 Datasheet
280Kb / 14P
   Power Capacitors
More results

Similar Description - B25834-D4336-K009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25832F4105K001 EPCOS-B25832F4105K001 Datasheet
276Kb / 10P
   MKV AC capacitors
B25835 EPCOS-B25835 Datasheet
174Kb / 8P
   MKV AC capacitors
B25832 EPCOS-B25832 Datasheet
276Kb / 10P
   MKV AC capacitors
B25838 EPCOS-B25838 Datasheet
179Kb / 8P
   MKV AC Capacitors Damping
B25856 EPCOS-B25856 Datasheet
179Kb / 6P
   MKV AC, MKV DC Capacitors LSI Snubbering and Clamping
B25836-A5147-A172 EPCOS-B25836-A5147-A172 Datasheet
32Kb / 1P
   MKV-Capacitor
B25836B6107A305 EPCOS-B25836B6107A305 Datasheet
466Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B5287A305 EPCOS-B25836B5287A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6137A305 EPCOS-B25836B6137A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6167A305 EPCOS-B25836B6167A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com