Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT1S023A-XXX Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # NT1S023A-XXX
Description  SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS & XLEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

NT1S023A-XXX Datasheet(HTML) 2 Page - Bothhand USA, LP.

  NT1S023A-XXX Datasheet HTML 1Page - Bothhand USA, LP. NT1S023A-XXX Datasheet HTML 2Page - Bothhand USA, LP. NT1S023A-XXX Datasheet HTML 3Page - Bothhand USA, LP. NT1S023A-XXX Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
“LAN-MATE” SERIES
MAGNETICS & XLEDs
NT1SXXX-XXX
BOTHHAND
USA.
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED
10 BASE-T
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Mechanicals
Physical char : 1. Plastic Material : PBT 15% Glass Filled( UL 94V-0 ), Black Housing
2. Metal Shield : Brass C2680-H, 20u Nickel Plated, t=0.25mm
3. Spring Wire : 0.45mm Dia. Phosphor bronze over with 6u gold plated
4. Solder Pin : 0.4x0.4mm, Phosphor bronze with solder Solder plated
5. Durability : 300 Mating cycles Min.
PCB Layout Mounting Hole (Top View)


Similar Part No. - NT1S023A-XXX

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
NT100C LUMINIS-NT100C Datasheet
110Kb / 2P
   Ceiling surface mount
NT100R LUMINIS-NT100R Datasheet
113Kb / 2P
   Wall recessed mount
NT105R LUMINIS-NT105R Datasheet
113Kb / 2P
   Wall recessed mount
logo
List of Unclassifed Man...
NT1080 ETC2-NT1080 Datasheet
712Kb / 22P
   8-bit Microcontroller
NT1080AT20 ETC2-NT1080AT20 Datasheet
798Kb / 24P
   Nuvoton 鰲?뫖?됮뵰??뎴
More results

Similar Description - NT1S023A-XXX

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
NU1S041-XXX BOTHHAND-NU1S041-XXX Datasheet
608Kb / 5P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS & XLEDs
LT1S021 BOTHHAND-LT1S021 Datasheet
78Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S023B BOTHHAND-LT1S023B Datasheet
75Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS
LT1S022 BOTHHAND-LT1S022 Datasheet
77Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S103 BOTHHAND-LT1S103 Datasheet
125Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S001 BOTHHAND-LT1S001 Datasheet
63Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S104A BOTHHAND-LT1S104A Datasheet
111Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS
LT1T104A BOTHHAND-LT1T104A Datasheet
113Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S023LF BOTHHAND-LT1S023LF Datasheet
93Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS
LT1S023 BOTHHAND-LT1S023 Datasheet
63Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com