Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVY3331 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LVY3331
Description  SUPER BRUGHT ROUND TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LVY3331 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LVY3331 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LVY3331 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LVY3331 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LVY3331 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LVY3331 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0
°
-60
°
100%
50%
75%
25%
-30
°
100%
25%
0
50% 75%
30
°
60
°
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Package Dimensions
Directivity Radiation
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
25.0MIN
2.54TYP
1.0MIN
0.5
TYP
LVY3331
PART NO.
1.5MAX
7.6
8.6
5.0
5.9
Page 1/4


Similar Part No. - LVY3331

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVY3331-H0 LIGITEK-LVY3331-H0 Datasheet
68Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVY3331-T-PF LIGITEK-LVY3331-T-PF Datasheet
106Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LVY3331/H0 LIGITEK-LVY3331/H0 Datasheet
68Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVY3331/T-PF LIGITEK-LVY3331/T-PF Datasheet
106Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
More results

Similar Description - LVY3331

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUY3333H-S46-PF LIGITEK-LUY3333H-S46-PF Datasheet
112Kb / 6P
   SUPER ROUND TYPE LED LAMPS
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L10URF3333S LIGITEK-L10URF3333S Datasheet
224Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF2043-PF LIGITEK-LURF2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF3333S LIGITEK-LURF3333S Datasheet
67Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com