Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1B Datasheet(PDF) 2 Page - Semikron International

Part # US1B
Description  Ultrafast silicon rectifier diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

US1B Datasheet(HTML) 2 Page - Semikron International

  US1B Datasheet HTML 1Page - Semikron International US1B Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig. 1 Forward characteristic ( typical values )
Fig. 2 Rated forward current vs. temp. of the terminals
4)
US 1A ... US 1S
2
15-02-2008 MAM
© by SEMIKRON


Similar Part No. - US1B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
US1B MCC-US1B Datasheet
282Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
logo
Pan Jit International I...
US1B PANJIT-US1B Datasheet
72Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
DONGGUAN YOU FENG WEI E...
US1B YFWDIODE-US1B Datasheet
731Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Vishay Siliconix
US1B VISHAY-US1B Datasheet
84Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 30-Oct-13
logo
Won-Top Electronics
US1B WTE-US1B Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - US1B

ManufacturerPart #DatasheetDescription
logo
Semikron International
UF600A SEMIKRON-UF600A_07 Datasheet
172Kb / 2P
   Ultrafast silicon rectifier diodes
BAV100 SEMIKRON-BAV100 Datasheet
81Kb / 2P
   Ultrafast silicon rectifier diodes
SUF4001 SEMIKRON-SUF4001_08 Datasheet
183Kb / 2P
   Ultrafast silicon rectifier diodes
US3A SEMIKRON-US3A_07 Datasheet
201Kb / 2P
   Ultrafast silicon rectifier diodes
EGL1A SEMIKRON-EGL1A Datasheet
129Kb / 2P
   Ultrafast silicon rectifier diodes
EGL34A SEMIKRON-EGL34A Datasheet
134Kb / 2P
   Ultrafast silicon rectifier diodes
US2SMAA SEMIKRON-US2SMAA Datasheet
202Kb / 2P
   Ultrafast silicon rectifier diodes
US2SMAA SEMIKRON-US2SMAA_09 Datasheet
299Kb / 2P
   Ultrafast silicon rectifier diodes
US3SMBA SEMIKRON-US3SMBA_09 Datasheet
303Kb / 2P
   Ultrafast silicon rectifier diodes
UF5400 SEMIKRON-UF5400_06 Datasheet
121Kb / 2P
   Ultrafast silicon rectifier diodes
UF5400 SEMIKRON-UF5400 Datasheet
117Kb / 2P
   Ultrafast silicon rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com