Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP20112 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # SP20112
Description  60 Watts Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SP20112 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  SP20112 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
MECHANICAL
OUTPUTS
Connector Type
CN1
Unit: m.m.
JST B3P2-VH or Equivalent
Ref. No.
SP20112
Series
60 Watts Switching Power Supply
FEATURES
●Set-Top Box Standard Size.
●Remote-Control Function
●Stand-By Output Provide
●High Efficiency (70%Typ.)
●90-264Vac Universal Input
●CISPR’B’ & CNS’B’ Compliance
●Short-Circuit Protection, OVP Installation
SPECIFICATION
Model
Item
SP20112
SP20112A
Input Voltage
AC 90~264V
Input Frequency
47~63Hz
Efficiency
70% Typical
72% Typical
Operating Temperature
0~50℃
Storage Temperature
-20~85℃
Weight
260g
Safety Description
---
(*): Under Development
(I/P): In Process
Model No.
SP20112
SP20112A
Vo1 Vo2 Vo3 Vo4 Vo5 Vo1 Vo2 Vo3 Vo4
Vo
(V)
+5
+12 -12 5sb 3.3
+5
+12 -12 5sb
Min
1.2
0.2
0
0
0.4
1.2
0.2
0
0
Rated
6
1
0.3
0.7
2
6
2
0.3
0.7
Load
(A)
Surge
---
---
---
---
---
---
---
---
---
Line
1
1
1
1
1
1
1
1
1
Regulation
(%)
Load
5
8
5
5
5
5
8
10
5
Tolerance
(+/-%)
5
8
10
5
5
5
8
10
5
Ripple/Noise
(mV)
50
240 240
50
50
50
240 240
50


Similar Part No. - SP20112

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SP201 POLYFET-SP201 Datasheet
34Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Jinan Jing Heng Electro...
SP20100 JINGHENG-SP20100 Datasheet
511Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SP20100C PACELEADER-SP20100C Datasheet
491Kb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
SeCoS Halbleitertechnol...
SP20100R SECOS-SP20100R Datasheet
423Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
SP20100R SECOS-SP20100R Datasheet
685Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
More results

Similar Description - SP20112

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
T60-9313 BOTHHAND-T60-9313 Datasheet
45Kb / 1P
   60 Watts Switching Power Supply
logo
List of Unclassifed Man...
ENA-0806 ETC2-ENA-0806 Datasheet
117Kb / 4P
   specification describes the requirements of 60 watts switching power supply
logo
Bothhand USA, LP.
SP9920 BOTHHAND-SP9920 Datasheet
41Kb / 1P
   9.9 Watts Switching Power Supply
SP9801 BOTHHAND-SP9801 Datasheet
50Kb / 1P
   15 Watts Switching Power Supply
SP9926 BOTHHAND-SP9926 Datasheet
45Kb / 1P
   8.6 Watts Switching Power Supply
SP9908 BOTHHAND-SP9908 Datasheet
49Kb / 1P
   39 Watts Switching Power Supply
SP9919 BOTHHAND-SP9919 Datasheet
48Kb / 1P
   25 Watts Switching Power Supply
T40-9311 BOTHHAND-T40-9311 Datasheet
45Kb / 1P
   43 Watts Switching Power Supply
SP9927 BOTHHAND-SP9927 Datasheet
49Kb / 1P
   30 Watts Switching Power Supply
SP20108 BOTHHAND-SP20108 Datasheet
44Kb / 1P
   6.6 Watts Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com