Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G35M Datasheet(PDF) 1 Page - IDEA.lnc.

Part # G35M
Description  T-1 (3 mm) Panel Mount LED Indicator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

G35M Datasheet(HTML) 1 Page - IDEA.lnc.

  G35M Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.ledidea.com
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304
2005G
T-1 (3 mm) Panel Mount LED Indicator
G33M and G35M Series
The G33M and G35M series of indicators are made of chrome-plated brass. Any of IDEA's standard T-1 lamps may be used. These
assemblies are furnished with matching lock washer and nut. Recommended for panels up to 3 mm (1/8”) thick. Recommended hole
size is 6 mm (or 15/64”). For the convenience of OEM users, IDEA can furnish both of these series with wires attached. Black plating is
also available on special order to high volume users.
Specify part desired as follows: (X = total number of LEDs in array, and may be up to 8 maximum.)
G33M/Order Code or G35M/Order Code
For example:
“G33M/G” designates an assembly with a green LED.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ1/2
λ (nm)
@If=20mA
@If=10mA
(Deg)
TInted Diffused
Resistor Required
Hi Eff Red
I
635
2.0
10
60
10-20
Green
G
565
2.1
10
60
10-20
Yellow
Y
585
2.0
10
60
10-20
Orange
O
610
2.0
10
60
10-20
Tinted Transparent
High Brightness
Hi Eff Red
IT
635
2.0
40
40
10-20
Green
GT
565
2.1
40
40
10-20
Yellow
YT
585
2.0
40
40
10-20
Tinted Diffused
For 2mA Operation
Hi Eff Red
I2
635
2.0
1.0 @ 2mA
60
2-10
Green
G2
565
2.1
1.0 @ 2mA
60
2-10
Yellow
Y2
585
2.0
1.0 @ 2mA
60
2-10
Tinted Diffused
5V Operation
Hi Eff Red
I5
635
-
10
60
5 V
Green
G5
565
-
10
60
5 V
Yellow
Y5
585
-
10
60
5 V
White Diffused
Bipolar, Bicolor
Red/Green
EG
635/565
2.0/2.1
4 / 4
90
10-20
Yellow/Green
YG
585/565
2.0/2.1
4 / 4
90
10-20
Red/Yellow
EY
635/585
2.0/2.0
4 / 4
90
10-20
3.0Ø
8.0
2.5
13
max
G33M
Anode
3.0Ø
8.0
3
12
max
G35M
Anode


Similar Part No. - G35M

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
G35 INTEL-G35 Datasheet
2Mb / 351P
   Express Chipset
logo
Magnetrol International...
G35-PB30-JJF MAGNETROL-G35-PB30-JJF Datasheet
492Kb / 24P
   Liquid Level Switches ASME B31.1, ASME B31.3 and NACE Construction
logo
BELIMO AIRCONTROLS (USA...
G350B-N BELIMO-G350B-N Datasheet
945Kb / 4P
   Fluid chilled or hot water, up to 60% glycol
logo
Won-Top Electronics
G35160 WTE-G35160 Datasheet
30Kb / 2P
   35A HIGH VOLTAGE GLASS PASSIVATED CELL DIODE
logo
List of Unclassifed Man...
G353 ETC1-G353 Datasheet
60Kb / 2P
   Multipurpose Enclosures
More results

Similar Description - G35M

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G53M IDEA-G53M Datasheet
26Kb / 1P
   T-1-3/4 (5 mm) Panel Mount LED Indicator
logo
LUMEX INC.
SSI-LXH600HGW-150 LUMEX-SSI-LXH600HGW-150 Datasheet
64Kb / 1P
   T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
SSI-LXH600ID-150 LUMEX-SSI-LXH600ID-150 Datasheet
63Kb / 1P
   T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
SSI-LXH600GD-150 LUMEX-SSI-LXH600GD-150 Datasheet
63Kb / 1P
   T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
logo
IDEA.lnc.
J191B IDEA-J191B Datasheet
43Kb / 1P
   T-1, (3-mm) Round, Triple PCB Mount LED Indicator
G245B IDEA-G245B Datasheet
47Kb / 1P
   T-1, (3-mm) Round, Quad PCB Mount LED Indicator
G244B IDEA-G244B Datasheet
47Kb / 1P
   T-1, (3-mm) Round, Quad PCB Mount LED Indicator
J244B IDEA-J244B Datasheet
39Kb / 1P
   T-1, (3-mm) Round, Quad PCB Mount LED Indicator
J245B IDEA-J245B Datasheet
42Kb / 1P
   T-1, (3-mm) Round, Quad PCB Mount LED Indicator
G191B IDEA-G191B Datasheet
47Kb / 1P
   T-1, (3-mm) Round, Triple PCB Mount LED Indicator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com