Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3201 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # HSDL-3201
Description  IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3201 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  HSDL-3201 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Features
• Ultra small surface mount package
• Minimal height: 2.5 mm
•VCC from 2.7 to 3.6 volts
• Withstands > 100 mVp-p power supply ripple
• LED supply voltage can range from 2.7 to 6.0
volts
• Low shutdown current
– 20 nA typical
• Lead-free and RoHS compliant
• Complete shutdown
– TxD, RxD, PIN diode
• One optional external component
• Temperature range:
-25
°C to 85°C
• 32 mA LED drive current
• Integrated EMI shield
• IEC825-1 Class 1 eye safe
• Edge detection input
– Prevents the LED from long turn on time
IrDA 1.4
LOW POWER
IrDA 1.0/1.4
STANDARD
OR
LOW POWER
30°
ILLUMINATION
CONE
CELL PHONES
PAGERS
PDAs
CAMERAS
CELL PHONES
PAGERS
PRINTERS
PCs
PDAs
CAMERAS
20 CM TO LOW POWER DEVICES
30 CM TO STANDARD DEVICES
HSDL-3201
IrDA® Data 1.4 Low Power Compliant
115.2 kb/s Infrared Transceiver
Data Sheet


Similar Part No. - HSDL-3201

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results

Similar Description - HSDL-3201

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
   IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com