Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUR3632-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LUR3632-PF
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUR3632-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LUR3632-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUR3632-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUR3632-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUR3632-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUR3632-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUR3632-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
2/5
UNIT
UR
Ratings
mA
mA
40
120
μA
10
-40 ~ +85
-40 ~ +100
120
mW
Typ.
Min.
Max.
Luminous
intensity
@20mA(mcd)
Min.
20
Spectral
halfwidth
△λnm
Peak
wave
length
λPnm
Forward
voltage
@
mA(V)
42
550
300
2.4
1.5
20
660
Viewing
angle
2
θ1/2
(deg)
Symbol
Parameter
IF
IFP
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Ir
Topr
Operating Temperature
Reverse Current @5V
Storage Temperature
Tstg
Power Dissipation
PD
COLOR
Lens
Emitted
PART NO
MATERIAL
Red
GaAlAs
LUR3632-PF
Typical Electrical & Optical Characteristics (Ta=25
)
Absolute Maximum Ratings at Ta=25
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
PART NO. LUR3632-PF
White Diffused


Similar Part No. - LUR3632-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUR3630-PF LIGITEK-LUR3630-PF Datasheet
107Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LUR3633-PF LIGITEK-LUR3633-PF Datasheet
106Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - LUR3632-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L10URF3333S LIGITEK-L10URF3333S Datasheet
224Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF2043-PF LIGITEK-LURF2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF3333S LIGITEK-LURF3333S Datasheet
67Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13741-PF LIGITEK-LVG13741-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13743-PF LIGITEK-LVG13743-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com