Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUR2043-TBS-X Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LUR2043-TBS-X
Description  AND BOX ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUR2043-TBS-X Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LUR2043-TBS-X Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUR2043-TBS-X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUR2043-TBS-X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUR2043-TBS-X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUR2043-TBS-X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUR2043-TBS-X Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
0.0
0.8
Wavelength (nm)
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
1.0
0.0
600
0.5
-40
-20
650
700
750
-40
80
20
040
60
100
Ambient Temperature(
)
-20
0
40
20
100
80
60
1
Fig.3 Forward Voltage vs. Temperature
0.9
1.0
1.1
1.2
0 1
1.0
1.0
0.5
1.5
2.0
2.5
3.0
1
Fig.4 Relative Intensity vs. Temperature
Forward Voltage(V)
3.0
2.0
4.0
0.0
5.0
0.5
Forward Current(mA)
100
10
1000
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
10
100
1000
UR CHIP
Fig.2 Relative Intensity vs. Forward Current
2.5
1.5
1.0
2.0
3.0
PART NO. LUR2043/TBS-X
Page4/5
25%
75%
100%
50%
50%
0
25%
75% 100%
-60
°
-60
°
Fig.6 Directivity Radiation
-30
°
30
°
0
°


Similar Part No. - LUR2043-TBS-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUR2043-TBS-X-PF LIGITEK-LUR2043-TBS-X-PF Datasheet
125Kb / 7P
   TAPE AND BOX ROUND TYPE LED LAMPS
More results

Similar Description - LUR2043-TBS-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSR2043-PF-TBS-1 LIGITEK-LSR2043-PF-TBS-1 Datasheet
151Kb / 7P
   TAPE AND BOX ROUND TYPE LED LAMPS
LUR2043-TBS-X-PF LIGITEK-LUR2043-TBS-X-PF Datasheet
125Kb / 7P
   TAPE AND BOX ROUND TYPE LED LAMPS
LDBK2640-TBS-X LIGITEK-LDBK2640-TBS-X Datasheet
122Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LVG2641-P1-PF-TBS-X LIGITEK-LVG2641-P1-PF-TBS-X Datasheet
135Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDBK3333-H0-TBS LIGITEK-LDBK3333-H0-TBS Datasheet
90Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LI2341-PF-TBS-3 LIGITEK-LI2341-PF-TBS-3 Datasheet
145Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LI2640-S79-PF-TBS-X LIGITEK-LI2640-S79-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LPT3323-TBS-X-PF LIGITEK-LPT3323-TBS-X-PF Datasheet
111Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LVG13743-PF-TBS-X LIGITEK-LVG13743-PF-TBS-X Datasheet
132Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDGM32840-S4-TBS-X LIGITEK-LDGM32840-S4-TBS-X Datasheet
157Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com