Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5016H Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # S5016H
Description  ISDN S-INTERFACE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

S5016H Datasheet(HTML) 1 Page - Bothhand USA, LP.

  S5016H Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Prepared :Luo Ming Li
Approved: Xu Wenbing
Date : 2001/03/16
Drawing no.: ISDN Transformer
REV.: A1
Page : 1/1
ISDN S-INTERFACE TRANSFORMER
P/N: S5016H DATA SHEET
A. Electrical Specifications @25°C :
1. Turns Ratio(±1%)(15KHz/0.1Vrms) : PIN9-10:2-17=2:1
PIN8-11:4-15=2:1
PIN1-2:18-17=5-4:14-15=1:1
2. DCR : PIN 2-17=4-15=4 Ω Max
PIN 9-10=8-11=5.5 Ω Max
PIN 1-2=17-18=4-5=14-15=1.3 Ω Max
3. Inductance @10KHz, 0.1Vrms : PIN 2-17=4-15=22 mH Min
PIN1-2=17-18=4-5=14-15=5 mH +50/-30%
4. Leakage Inductance @100KHz, 0.1Vrms( PIN9-10, 8-11 Short) : PIN 2-17=4-15=4µH Max
5. Choke Leakage Inductance @100KHz, 0.1Vrms(PIN17-18, 14-15 Short) : PIN 1-2=4-5=0.6µH Max
6. Interwinding Capacitance @10KHz, 0.1Vrms PIN1-9=5-8=120pF Max
7. HI-POT : 1500Vrms/1mA 2Sec.PIN2-9, 4-8
500Vrms/1mA 2Sec.PIN3-16(1-9, 5-8 Short)
B. Schematic & Mechanical :


Similar Part No. - S5016H

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S5016H-3 BOTHHAND-S5016H-3 Datasheet
70Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
More results

Similar Description - S5016H

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1205G PCA-EPR1205G Datasheet
25Kb / 1P
   ISDN S-Interface Transformer
logo
Rhombus Industries Inc.
T-13400 RHOMBUS-IND-T-13400 Datasheet
20Kb / 1P
   ISDN S Interface Transformer
T-13404 RHOMBUS-IND-T-13404 Datasheet
21Kb / 1P
   ISDN S Interface Transformer
T-10455 RHOMBUS-IND-T-10455 Datasheet
25Kb / 1P
   ISDN S Interface Transformer
logo
Bothhand USA, LP.
S5799M BOTHHAND-S5799M_1 Datasheet
28Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
S5970 BOTHHAND-S5970 Datasheet
24Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
S5017 BOTHHAND-S5017 Datasheet
243Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
logo
Rhombus Industries Inc.
T-10451 RHOMBUS-IND-T-10451 Datasheet
23Kb / 1P
   ISDN S Interface Transformer
T-10405 RHOMBUS-IND-T-10405 Datasheet
26Kb / 1P
   ISDN S Interface Transformer
logo
Bourns Electronic Solut...
PT66001 BOURNS-PT66001 Datasheet
129Kb / 1P
   ISDN S-Interface Transformer
logo
Rhombus Industries Inc.
T-10402 RHOMBUS-IND-T-10402 Datasheet
26Kb / 1P
   ISDN S Interface Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com